Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495W107M025AHE0457280 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T495W107M025AHE0457280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495W107M025AHE0457280 Datasheet(HTML) 4 Page - Kemet Corporation

  T495W107M025AHE0457280 Datasheet HTML 1Page - Kemet Corporation T495W107M025AHE0457280 Datasheet HTML 2Page - Kemet Corporation T495W107M025AHE0457280 Datasheet HTML 3Page - Kemet Corporation T495W107M025AHE0457280 Datasheet HTML 4Page - Kemet Corporation T495W107M025AHE0457280 Datasheet HTML 5Page - Kemet Corporation T495W107M025AHE0457280 Datasheet HTML 6Page - Kemet Corporation T495W107M025AHE0457280 Datasheet HTML 7Page - Kemet Corporation T495W107M025AHE0457280 Datasheet HTML 8Page - Kemet Corporation T495W107M025AHE0457280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2009_T495 • 5/3/2017
44
Tantalum Surface Mount Capacitors – Low ESR
T495 Series Surge Robust MnO
2
Dimensions – Millimeters (Inches)
Metric will govern
H
X
T
B
B
G
F
E
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Glue pad
shape/design at
KEMET's option
Case Size
Component
Typical
Weight
KEMET EIA
L
W
H
F±0.1
±(0.004)
S
B ±0.15
(Ref)
±0.006
X(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
(mg)
A
3216–18
3.2±0.2
(0.126±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
1.2
(0.047)
0.80(0.032)
+0.2(0.008)
/−0.3(0.011)
0.4
(0.016)
0.10±0.10
(0.004±0.004)
0.4
(0.016)
0.4
(0.016)
0.13
(0.005)
1.2
(0.047)
1.1
(0.043)
1.3
(0.051)
58.60
B
3528–21
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.9±0.2
(0.075±0.008)
2.2
(0.087)
0.80(0.032)
+0.1(0.004)
/−0.3(0.011)
0.4
(0.016)
0.10±0.10
(0.004±0.004)
0.5
(0.020)
1.0
(0.039)
0.13
(0.005)
1.9
(0.075)
1.8
(0.071)
2.2
(0.087)
107.45
M
3528-15
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.5
(0.059)
2.2
(0.087)
0.8(0.031)
±0.3(0.012)
N/A
0.05
(0.002)
N/A
N/A
0.13
(0.005)
1.9
(0.075)
1.8
(0.071)
2.2
(0.087)
97.99
C
6032–28
6.0±0.3
(0.236±0.012)
3.2±0.3
(0.126±0.012)
2.5±0.3
(0.098±0.012)
2.2
(0.087)
1.3(0.051)
±0.3(0.012)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
0.9
(0.035)
1.0
(0.039)
0.13
(0.005)
2.9
(0.114)
2.8
(0.110)
2.4
(0.094)
224.48
U
6032-15
6.0±0.3
(0.236±0.012)
3.2±0.2
(0.110±0.008)
1.5
(0.059)
2.2
(0.087)
1.3(0.051)
±0.3(0.012)
N/A
0.05
(0.002)
N/A
N/A
0.13
(0.005)
2.9
(0.114)
2.8
(0.110)
2.4
(0.094)
70.00
D
7343–31
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
2.8±0.3
(0.110±0.012)
2.4
(0.094)
1.3(0.051)
±0.3(0.012)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
0.9
(0.035)
1.0
(0.039)
0.13
(0.005)
3.6
(0.142)
3.5
(0.138)
3.5
(0.138)
446.84
W
7343-15
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
1.5
(0.059)
2.4
(0.094)
1.3(0.051)
±0.3(0.012)
N/A
0.05
(0.002)
N/A
N/A
0.13
(0.005)
3.6
(0.142)
3.5
(0.138)
3.5
(0.138)
248.27
X
7343-43
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
4.0±0.3
(0.157±0.012)
2.4
(0.094)
1.3(0.051)
±0.3(0.012)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
1.7
(0.067)
1.0
(0.039)
0.13
(0.005)
3.6
(0.142)
3.5
(0.138)
3.5
(0.138)
652.04
E
7360-38
7.3±0.3
(0.287±0.012)
6.0±0.3
(0.236±0.012)
3.6±0.2
(0.142±0.008)
4.1
(0.161)
1.3(0.051)
±0.3(0.012)
0.5
(0.020)
0.10±0.10
(0.004±0.004) N/A
N/A
0.13
(0.005)
3.6
(0.142)
3.5
(0.138)
3.5
(0.138)
803.76
T
3528-12
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.2
(0.047)
2.2
(0.087)
0.80(0.032)
+0.1(0.004)
/−0.3(0.011)
N/A
0.05
(0.002)
N/A
N/A
0.13
(0.005)
1.9
(0.075)
1.8
(0.071)
2.2
(0.087)
63.89
V
7343-20
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
2.0
(0.079)
2.4
(0.094)
1.3(0.051)
±0.3(0.012)
N/A
0.05
(0.002)
N/A
N/A
0.13
(0.005)
3.6
(0.142)
3.5
(0.138)
3.5
(0.138)
286.40
Notes: (Ref) – Dimensions provided for reference only. For low profile cases, no dimensions are provided for B, P or R because these cases do not have a bevel or
a notch.
These weights are provided as reference. If exact weights are needed, please contact your KEMET Sales Representative


Similar Part No. - T495W107M025AHE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
T495 KEMET-T495 Datasheet
272Kb / 1P
   Customer Change Notification Ta SMD MnO2 Evora Phase Out
T495A105K035ATE3K0 KEMET-T495A105K035ATE3K0 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, T495, 1 uF, 10%, 35 V, 3216, SMD, MnO2, Molded, Low ESR, 3 Ohms, Height Max = 1.8mm
T495A106K010ATE1K8 KEMET-T495A106K010ATE1K8 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
More results

Similar Description - T495W107M025AHE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com