Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TG12-8-01LG Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # TG12-8-01LG
Description  Thermoelectric Generator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

TG12-8-01LG Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  TG12-8-01LG Datasheet HTML 1Page - II-VI Marlow, Inc. TG12-8-01LG Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
DOC # 102-0344 REV N - PAGE 1 OF 2
TG12-8
Thermoelectric Generator
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
HOT SIDE, Th
.002 [0.05]
.001 [0.03]
.003 [0.08]
.002 [0.05]
A
.002 [0.05]
.001 [0.03]
A
1.580
[40.13]
1.580
[40.13]
1.760
[44.70]
-XXL, -XXLS
-XX, -XXS
.139 ±.001 [3.53±0.03]
-XXL & -XXLS
-XX & -XXS
.143 ±.005 [3.63±0.13]
(-), BLUE
(+), RED
COLD SIDE, Tc
4.0±.50
[101.6±12.70]
(2X 0.20 [5.0])
ORDERING OPTIONS
PRODUCT FEATURES
Rated operating temperature 230°C for short periods,
200°C extended operation.
Superior diffusion barriers on elements.
High strength for rugged environment.
Porch configuration for enhanced leadwire strength.
RTV sealing option available.
Lapped option available for improved flatness and
parallelism.
Graphite thermal interface option available.
Cold Side Temperature, TC (°C)
27±2
AC Resistance (ohms):
1.36 – 1.69
Device ZTC:
0.73
Model Number
Description
TG12-8-01
Leadwires
TG12-8-01L
Leadwires, Lapped
TG12-8-01S
Leadwires, Sealed
TG12-8-01LS
Leadwires, Lapped, Sealed
TG12-8-01G
Leadwires, Graphite Pads
TG12-8-01LG
Leadwires, Lapped, Graphite Pads
TG12-8-01SG
Leadwires, Sealed, Graphite Pads
TG12-8-01LSG
Leadwires, Lapped, Sealed, Graphite Pads


Similar Part No. - TG12-8-01LG

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
TG12-8-01LG VIMARLOW-TG12-8-01LG Datasheet
634Kb / 3P
   Thermoelectric Generator
More results

Similar Description - TG12-8-01LG

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
TG12-4 VIMARLOW-TG12-4 Datasheet
212Kb / 2P
   Thermoelectric Generator
TG12-2.5 VIMARLOW-TG12-2.5 Datasheet
191Kb / 2P
   Thermoelectric Generator
TG12-8 VIMARLOW-TG12-8_17 Datasheet
634Kb / 3P
   Thermoelectric Generator
TG12-6 VIMARLOW-TG12-6_17 Datasheet
544Kb / 3P
   Thermoelectric Generator
TG12-6 VIMARLOW-TG12-6 Datasheet
209Kb / 2P
   Thermoelectric Generator
logo
List of Unclassifed Man...
TGG-150W ETC2-TGG-150W Datasheet
771Kb / 1P
   Thermoelectric Gas Generator
logo
RMT Ltd.
3MC04-112-05 RMT-3MC04-112-05 Datasheet
251Kb / 4P
   Thermoelectric Module
3MDC04-071-05 RMT-3MDC04-071-05 Datasheet
643Kb / 4P
   Thermoelectric Module
1MC04-007-05 RMT-1MC04-007-05 Datasheet
243Kb / 4P
   Thermoelectric Module
1MC04-012-05 RMT-1MC04-012-05 Datasheet
318Kb / 4P
   Thermoelectric Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com