Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XLT3-8-01LS Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # XLT3-8-01LS
Description  Single-Stage Thermoelectric Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

XLT3-8-01LS Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  XLT3-8-01LS Datasheet HTML 1Page - II-VI Marlow, Inc. XLT3-8-01LS Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
MI Form 005-0692 Rev. 2
DOC # 102-0357 REV 8 - PAGE 1 OF 2
XLT3-8
Single-Stage Thermoelectric Module
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
ORDERING OPTIONS
PRODUCT FEATURES
Rated operating temperature of 125°C.
Designed for temperature cycling applications.
Capable of rapid heating and cooling rates.
Porch configuration for high strength leadwire connection.
RTV sealing option available.
Lapped option available for multiple module applications.
Hot Side Temperature (°C)
27°C
50°C
Δ Tmax (°C-dry N2):
64
72
Qmax (watts):
16.89
18.73
Imax (amps):
7.4
7.3
Vmax (vdc):
3.49
3.89
AC Resistance (ohms):
.40
---
Model Number
Description
XLT3-8-01
Leadwires
XLT3-8-01L
Leadwires, Lapped
XLT3-8-01S
Leadwires, Sealed
XLT3-8-01LS
Leadwires, Lapped, Sealed


Similar Part No. - XLT3-8-01LS

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
473Kb / 2P
   Single-Stage Thermoelectric Module
XLT3-4-01 VIMARLOW-XLT3-4-01 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT3-4-01 VIMARLOW-XLT3-4-01 Datasheet
473Kb / 2P
   Single-Stage Thermoelectric Module
XLT3-4-01L VIMARLOW-XLT3-4-01L Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
More results

Similar Description - XLT3-8-01LS

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1020T VIMARLOW-NL1020T_17 Datasheet
648Kb / 3P
   Single-Stage Thermoelectric Module
XLT2416 VIMARLOW-XLT2416_17 Datasheet
511Kb / 2P
   Single-Stage Thermoelectric Module
XLT2427 VIMARLOW-XLT2427_17 Datasheet
506Kb / 2P
   Single-Stage Thermoelectric Module
PL020-4-30 VIMARLOW-PL020-4-30 Datasheet
229Kb / 2P
   Single-Stage Thermoelectric Module
NL1015T VIMARLOW-NL1015T Datasheet
266Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T_18 Datasheet
829Kb / 4P
   Single-Stage Thermoelectric Module
RC12-4 VIMARLOW-RC12-4 Datasheet
567Kb / 3P
   Single-Stage Thermoelectric Module
NL1012T VIMARLOW-NL1012T Datasheet
265Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Module
XLT2393 VIMARLOW-XLT2393_17 Datasheet
489Kb / 2P
   Single-Stage Thermoelectric Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com