Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP70070053A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FXP70070053A
Description  FXP70 Freedom 2.4GHz Multi Standard Antenna
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP70070053A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FXP70070053A Datasheet HTML 1Page - Taoglas antenna solutions FXP70070053A Datasheet HTML 2Page - Taoglas antenna solutions FXP70070053A Datasheet HTML 3Page - Taoglas antenna solutions FXP70070053A Datasheet HTML 4Page - Taoglas antenna solutions FXP70070053A Datasheet HTML 5Page - Taoglas antenna solutions FXP70070053A Datasheet HTML 6Page - Taoglas antenna solutions FXP70070053A Datasheet HTML 7Page - Taoglas antenna solutions FXP70070053A Datasheet HTML 8Page - Taoglas antenna solutions FXP70070053A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPE-12-8-013/E/ZL
Page 2 of 11
1.Overview
The FXP70 Freedom 2.4GHz Antenna works on WiFi, ZigBee, Bluetooth and ISM band
at 2.4GHz. This antenna has been designed as a general solution to cover the current
market applications, with easy installation through a cable connection. The antenna
has been designed to work on different plastics material and thickness. We have
selected a piece of ABS plastic with 1.5 mm of thickness as a baseline for testing.
Many module manufacturers specify peak gain limits for any antennas that are
to be connected to that module. Those peak gain limits are based on free-space
conditions. In practice, the peak gain of an antenna tested in free-space can
degrade by at least 1 or 2dBi when put inside a device. So ideally you should go
for a slightly higher peak gain antenna than mentioned on the module
specification to compensate for this effect, giving you better performance.
Upon testing of any of our antennas with your device and a selection of
appropriate layout, integration technique, or cable, Taoglas can make sure any
of our antennas’ peak gain will be below the peak gain limits. Taoglas can then
issue a specification and/or report for the selected antenna in your device that
will clearly show it complying with the peak gain limits, so you can be assured
you are meeting regulatory requirements for that module.
For example, a module manufacturer may state that the antenna must have
less than 2dBi peak gain, but you don’t need to select an embedded antenna
that has a peak gain of less than 2dBi in free-space. This will give you a less
optimized solution. It is better to go for a slightly higher free-space peak gain
of 3dBi or more if available. Once that antenna gets integrated into your device,
performance will degrade below this 2dBi peak gain due to the effects of GND
plane, surrounding components, and device housing. If you want to be


Similar Part No. - FXP70070053A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP70070053A ETC2-FXP70070053A Datasheet
347Kb / 8P
   FXP70 Freedom 2.4GHz Multi Standard Antenna
More results

Similar Description - FXP70070053A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP70070053A ETC2-FXP70070053A Datasheet
347Kb / 8P
   FXP70 Freedom 2.4GHz Multi Standard Antenna
FXP72070053A ETC2-FXP72070053A Datasheet
393Kb / 12P
   FXP72 Freedom 2.4GHz Series Ground Coupled Antenna
FXP73090100A ETC2-FXP73090100A Datasheet
528Kb / 8P
   FXP73 Blue Diamond 2.4GHz Multi Standard Antenna
FXP73070100A ETC2-FXP73070100A Datasheet
518Kb / 8P
   FXP73 Blue Diamond 2.4GHz Multi Standard Antenna
logo
Taoglas antenna solutio...
FXP73070100A TAOGLAS-FXP73070100A Datasheet
497Kb / 9P
   FXP73 Blue Diamond 2.4GHz Multi Standard Antenna
FXP72070053A TAOGLAS-FXP72070053A Datasheet
450Kb / 13P
   FXP72 Freedom 2.4GHz Series
FXP832030458D TAOGLAS-FXP832030458D Datasheet
1Mb / 16P
   FXP832 Freedom Wi-Fi 2.4GHz and 4.9-6GHz Dipole Antenna
FXP70.07.0053A TAOGLAS-FXP70.07.0053A Datasheet
765Kb / 11P
   Multi Standard Antenna
FXP831090100C TAOGLAS-FXP831090100C Datasheet
1Mb / 18P
   FXP.831 Freedom 2.4GHz and 4.9-6GHz bands Ground Coupled Antenna
logo
rfsolutions.ltd
ANT-24G-HL90-SMA RFSOLUTIONS-ANT-24G-HL90-SMA Datasheet
592Kb / 4P
   2.4GHz Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com