Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP75070045B Datasheet(PDF) 9 Page - Taoglas antenna solutions

Part # FXP75070045B
Description  Ultra-Miniaturized 2dBi Bluetooth Antenna
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP75070045B Datasheet(HTML) 9 Page - Taoglas antenna solutions

Back Button FXP75070045B Datasheet HTML 3Page - Taoglas antenna solutions FXP75070045B Datasheet HTML 4Page - Taoglas antenna solutions FXP75070045B Datasheet HTML 5Page - Taoglas antenna solutions FXP75070045B Datasheet HTML 6Page - Taoglas antenna solutions FXP75070045B Datasheet HTML 7Page - Taoglas antenna solutions FXP75070045B Datasheet HTML 8Page - Taoglas antenna solutions FXP75070045B Datasheet HTML 9Page - Taoglas antenna solutions FXP75070045B Datasheet HTML 10Page - Taoglas antenna solutions FXP75070045B Datasheet HTML 11Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SPE-13-8-067/C/EZ
Page 9 of 11
Figure 8. 2D Radiation Pattern


Similar Part No. - FXP75070045B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP75070045B ETC2-FXP75070045B Datasheet
1Mb / 10P
   Atom FXP.75 Atom 2.4GHz Series Ultra-Miniaturized 2dBi Bluetooth Antenna
More results

Similar Description - FXP75070045B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FXP75070045B ETC2-FXP75070045B Datasheet
1Mb / 10P
   Atom FXP.75 Atom 2.4GHz Series Ultra-Miniaturized 2dBi Bluetooth Antenna
WS-GAMEBALL-ANT ETC2-WS-GAMEBALL-ANT Datasheet
173Kb / 1P
   902~928MHz 2dBi RFID Antenna
WS-RFIDANTS ETC2-WS-RFIDANTS Datasheet
244Kb / 1P
   902~928MHz 2dBi RFID Antenna
logo
Taoglas antenna solutio...
HA31A TAOGLAS-HA31A Datasheet
3Mb / 24P
   915MHz 2dBi Embedded Helical Monopole Antenna
WPC25B35 TAOGLAS-WPC25B35 Datasheet
818Kb / 10P
   2dBi 25mm 2.4 Ghz Patch Antenna
logo
RUBYCON CORPORATION
400QXW180MEFC18X40 RUBYCON-400QXW180MEFC18X40 Datasheet
199Kb / 2P
   105??Ultra Miniaturized
logo
List of Unclassifed Man...
GW152113 ETC2-GW152113 Datasheet
828Kb / 12P
   2.4GHz 2dBi Screw mount Dipole Antenna
logo
Taoglas antenna solutio...
HA21A TAOGLAS-HA21A Datasheet
2Mb / 25P
   2dBi 868MHz Embedded Helical Monopole Antenna
logo
Pasternack Enterprises,...
PE51074 PASTERNACK-PE51074 Datasheet
87Kb / 1P
   Rubber Duck Antenna 2300-2700 MHz, 2dBi
PE51095 PASTERNACK-PE51095 Datasheet
296Kb / 1P
   Mini Tri-Band Rubber Duck Antenna 2dBi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com