Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MG12400D-BN2MM Datasheet(PDF) 3 Page - Littelfuse

Part # MG12400D-BN2MM
Description  Medical applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MG12400D-BN2MM Datasheet(HTML) 3 Page - Littelfuse

  MG12400D-BN2MM Datasheet HTML 1Page - Littelfuse MG12400D-BN2MM Datasheet HTML 2Page - Littelfuse MG12400D-BN2MM Datasheet HTML 3Page - Littelfuse MG12400D-BN2MM Datasheet HTML 4Page - Littelfuse MG12400D-BN2MM Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Power Module
©2016 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:07/21/16
117
MG12400D-BN2MM
1200V 400A IGBT Module
Figure 1:Typical Output Characteristics
VCE V
TJ =125°C
TJ =25°C
800
640
320
160
0
0
0.5
1.0
1.5
2.0
2.5
VGE =15V
3.0
480
Figure 2:Typical Output Characteristics
VGE V
0
160
320
800
TJ =125°C
TJ =25°C
VCE =20V
12
10
9
7
6
5
8
11
480
640
Figure 3:Typical Transfer characteristics
200
40
002 4
10
Eon
Eoff
RG
VCE=600V
IC=400A
VGE=±15V
TJ =125°C
6
8
14
18
12
120
80
16
160
Figure 4: Switching Energy vs. Gate Resistor
0 100
IC A
VCE=600V
RG=1.8
VGE=±15V
TJ=125°C
800
200
Eoff
Eon
0
20
40
120
300
80
400
700
60
600
500
100
Figure 5: Switching Energy vs. Collector Current
Figure 6: Reverse Biased Safe Operating Area
0
100
200
600
900
0
200 400 600 800 1000 1200
VCE V
1400
RG=1.8Ω
VGE=±15V
TJ =125°C
300
400
500
800
700
VCE V
4.0
3.5
3.0
2.5
1.5
1.0
0.5
0
TJ =125°C
2.04.5 5.0
800
640
320
160
0
480
GE
V =11V
GE
V = 9V
GE
V =13V
GE
V =15V
GE
V =17V
GE
V =19V
3


Similar Part No. - MG12400D-BN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG1240H-XBN2MM LITTELFUSE-MG1240H-XBN2MM Datasheet
1Mb / 8P
   Fast switching and short tail current
More results

Similar Description - MG12400D-BN2MM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG06200S-BN4MM LITTELFUSE-MG06200S-BN4MM Datasheet
1Mb / 5P
   Medical applications
MG06150S-BN4MM LITTELFUSE-MG06150S-BN4MM Datasheet
1Mb / 5P
   Medical applications
logo
Recom International Pow...
R0.5S-D RECOM-R0.5S-D Datasheet
120Kb / 8P
   Approved for Medical Applications
RXXP2XX RECOM-RXXP2XX Datasheet
127Kb / 4P
   EN-60601 for Medical Applications
RXXPXX-R RECOM-RXXPXX-R Datasheet
120Kb / 3P
   EN-60601 for Medical Applications
logo
TT Electronics.
PWP TTELEC-PWP Datasheet
2Mb / 3P
   Ideally suited for medical applications
logo
Abracon Corporation
ASTMHT ABRACON-ASTMHT Datasheet
5Mb / 14P
   High temperature applications for Industrial, medical
06.17.2016
logo
Total Power Internation...
TPHBU31 TOTAL-POWER-TPHBU31 Datasheet
272Kb / 2P
   Medical Power Supplies For Health Care Applications
logo
AVX Corporation
T4Z-HRC4000 AVX-T4Z-HRC4000 Datasheet
113Kb / 5P
   HRC4000 Medical Grade for Non-Critical Applications
logo
Roithner LaserTechnik G...
ADL-80Y04TZ-1 ROITHNER-ADL-80Y04TZ-1 Datasheet
218Kb / 2P
   Pumping source for DPSS green laser Medical applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com