Electronic Components Datasheet Search |
|
IS05B301111 Datasheet(PDF) 3 Page - Taoglas antenna solutions |
|
IS05B301111 Datasheet(HTML) 3 Page - Taoglas antenna solutions |
3 / 18 page SPE-13-8-019/C/EZ Page 3 of 18 MECHANICAL Dimensions Height = 29 mm and Diameter = 52 mm Cable length 3m RG174 – Fully Customable Connector SMA-Male – Fully Customable Casing UV Resistant PC Base and Thread Nickel plated steel Thread Diameter 18 mm Weather proof gasket Rubber Sealant Rubber Stopper ENVIRONMENTAL Protection IP67 & IP69K Corrosion 5% NaCl for 48hrs - Nickel plated steel base and thread Temperature Range -40°C to +85°C Thermal Shock 100 cycles -40°C to +85°C Humidity Non-condensing 65°C 95% RH Shock (Drop Test) 1m drop on concrete 6 axes Cable Pull 8 Kgf Recommended Torque Setting for Mounting 24.5N∙m Maximum Torque Setting for Mounting 29.4N∙m *Note: Specifications may be subject to change |
Similar Part No. - IS05B301111 |
|
Similar Description - IS05B301111 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |