Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-200ADB24AA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # MDS-200ADB24AA
Description  Medical AC-DC Enclosed Power Supply
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-200ADB24AA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button MDS-200ADB24AA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 9Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 10Page - Delta Electronics, Inc. MDS-200ADB24AA Datasheet HTML 11Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Medical AC-DC Enclosed Power Supply
24V 200W 2”x4” High Density MDS-200ADB24 AA
10
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power
supply will return to normal operation after the short circuit is
removed.
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Overcurrent (OCP)
Protections will be activated before output current under 160% of
IO (Max load). Upon such occurrence, VO will start to drop. Once
the power supply has reached its maximum power limit, the
protection will be activated and the power supply will go into
“Hiccup mode” (Auto-Recovery). The power supply will recover
once the fault condition causing the OLP and OCP is removed
and IO is back within the specified limit.
Additionally, if the Iout is <160% but >100% for a prolong period
of time (depending on the load), the Over Temperature
Protection (OTP) will be activated due to high temperature on
critical components. Then, the power supply will be latched off,
and require recycling of input voltage to restart it.
Over Temperature Protection
As
mentioned
above,
the
power
supply
also
has
Over
Temperature Protection (OTP). This is activated when the
overload condition persists for an extended duration and the
output current is below the overload trigger point but >100% load.
In the event of a higher operating temperature condition at 100%
load, the power supply will run into OTP when the surrounding air
temperature is higher than the operating temperature. When
activated, the output voltage will go into latch mode until the input
voltage is removed; then, reapplied, and the surrounding air
temperature drops to its normal operating temperature.
Power Good
Power Good+ pin is an open collector transistor (40V/600mA
rating). A resistor (suggested value 20Kohm, 1/8W) can be added
between output pin (or, other available pull-up voltage that is no
greater than 30V) and the Power Good+ pin (refer to figure
below). Value of pull-up resistor may have to be adjusted,
depending on voltage used, and other end-use conditions of the
Power Good+ pin connection to the product. When AC input is
on, Power Good+ pin will be high. When AC input is off, Power
Good+ pin will be low. There will be a minimum of 5 milliseconds
(at 120W load) between the time the power good goes to low
level, and the time when the output reaches 90% of its rated
value.
All parameters are specified at 25°C ambient unless otherwise noted.
(November 2016, Rev. 01)


Similar Part No. - MDS-200ADB24AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-200ADB12AA DELTA-MDS-200ADB12AA Datasheet
750Kb / 11P
   Medical AC-DC Enclosed Power Supply
More results

Similar Description - MDS-200ADB24AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-400ADB12AA DELTA-MDS-400ADB12AA Datasheet
708Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB18AA DELTA-MDS-300ADB18AA Datasheet
831Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB48AA DELTA-MDS-300ADB48AA Datasheet
857Kb / 13P
   Medical AC-DC Enclosed Power Supply
MDS-400ADB24AA DELTA-MDS-400ADB24AA Datasheet
6Mb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB12AA DELTA-MDS-200APB12AA Datasheet
706Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB24AA DELTA-MDS-300ADB24AA Datasheet
723Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200ADB12AA DELTA-MDS-200ADB12AA Datasheet
750Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24AA DELTA-MDS-200APB24AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB12AA DELTA-MDS-300ADB12AA Datasheet
800Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24-AA DELTA-MDS-200APB24-AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com