Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-300ADB12AA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # MDS-300ADB12AA
Description  Medical AC-DC Enclosed Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-300ADB12AA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  MDS-300ADB12AA Datasheet HTML 1Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 2Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Medical AC-DC Enclosed Power Supply
12V 300W with 5V/0.5A Standby / MDS-300ADB12 AA
Technical Datasheet
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 04)
1
MDS-300ADB12 AA
Highlights & Features
Safety Approvals to IEC 60601-1 3.1rd ed. & IEC 60950-1
Compliant with IEC 60601-1-2 4th Ed. Requirements
– Up to 190 Watt Convection in 3.5" x 5.5" x 1.75"
Package
– Up to 800 K Hrs MTBF
– Suited for Type BF Medical Products.
– 2 x MOPP isolation
Safety Standards
CB Certified for worldwide use
Model Number:
MDS-300ADB12 AA
Unit Weight:
610g(1.35lb)
Dimensions (W x L x H):
88.9x140.0x45.0mm (3.5x5.5x1.75 inch)
General Description
Delta
’s new MDS-300ADB12 AA enclosed design offers a high energy density (8.8 Watts/in
3) 3.5x5.5 inch design for Type BF patient
access medical products. With operating parameters of 90 to 264 Vac universal input voltage, temperatures of -10 to +70 degrees
centigrade, and altitudes of up to 5000 meters (16,400 feet), the design is well suited for a variety of both medical and non-medical
applications. Other features include input surge of 300 Vac, low leakage current, no-load input power < 0.5 Watt, and 800K hour MTBF.
This product is certified for EMC standards EN 55011 for industrial, scientific and medical (ISM) radio-frequency equipment, and EN
55022 for Industrial Technology Equipment (ITE) radio-frequency equipment. In addition, only recognized Japanese capacitors are
used to ensure long product life.
An enhanced feature set, includes a 5 Volt/0.5 amp standby output, remote on/off, remote sense, and a power good signal that are
included as part of the standard product.
The design, which has protection against shock compliant with 2XMOPP and Type BF requirements, has both medical (with risk report
available), and ITE safety approvals, including cURus(US&Canada) /TUV/GB(China); plus, CB certificates with all national deviations.
Full compliance with RoHS Directive 2011/65/EU for environmental protection is included.
Model Information (All with 5V/0.5A standby available):
Model Number
Input Voltage Output Voltage
Convection Current Output Forced Air Current Output
MDS-300ADB12 AA
90-264Vac
12Vdc
0-15.83A
0-25A (with 10 CFM forced air)
MDS
300
A
D
B
12
AA
Delta Medical
power Supply
Max wattage in the
product Series.
300
→ 300W
Family Code
A~ Z
Product Type
D: Enclosed
Input Type Code
B: 3pin Class I
Output Voltage
12 for 12V
Revision code


Similar Part No. - MDS-300ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-300ADB18AA DELTA-MDS-300ADB18AA Datasheet
831Kb / 12P
   Medical AC-DC Enclosed Power Supply
More results

Similar Description - MDS-300ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-400ADB12AA DELTA-MDS-400ADB12AA Datasheet
708Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB18AA DELTA-MDS-300ADB18AA Datasheet
831Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB48AA DELTA-MDS-300ADB48AA Datasheet
857Kb / 13P
   Medical AC-DC Enclosed Power Supply
MDS-400ADB24AA DELTA-MDS-400ADB24AA Datasheet
6Mb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB12AA DELTA-MDS-200APB12AA Datasheet
706Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200ADB24AA DELTA-MDS-200ADB24AA Datasheet
806Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB24AA DELTA-MDS-300ADB24AA Datasheet
723Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200ADB12AA DELTA-MDS-200ADB12AA Datasheet
750Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24AA DELTA-MDS-200APB24AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24-AA DELTA-MDS-200APB24-AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com