Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-300ADB12AA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # MDS-300ADB12AA
Description  Medical AC-DC Enclosed Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-300ADB12AA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  MDS-300ADB12AA Datasheet HTML 1Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 2Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-300ADB12AA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Medical AC-DC Enclosed Power Supply
12V 300W with 5V/0.5A Standby / MDS-300ADB12 AA
Technical Datasheet
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 04)
5
Protections (for both 12 Volt and 5Volt Standby outputs, unless otherwise indicated)
Overvoltage (max)
Main output 125% of rated voltage, Latch Mode
Standby Output 125% of rated voltage, Latch Mode
Over load / Over current (max)
Main output 160% of rated current
Standby Output 1.06A max
Hiccup Mode(Non-Latching, Auto-Recovery)
Over Temperature
Latch Mode for main output
Short Circuit
Hiccup Mode,
(Non-Latching, Auto-Recovery)
Reliability Data
MTBF(Minimum) at 115Vac, 190W, 35 °C
Convection Air Flow
800 Khrs based on Telecordia SR-332
Operating life(Minimum) at 115Vac, 190W, 25°C
Convection Air Flow
26,280 hrs
Safety Standards / Directives
Medical Safety
IEC60601-1 2
nd , 3rd and 3.1rd edition CB report
IEC60601-1 edition 3.1
rd (2012), EN60601-1 (2006) +
A11 + A1 + A12, CAN/CSA-C22.2 NO. 60601-1:14,
ANSI/AAMI ES60601-1:2005/(R)2012
ITE Safety
IEC60950-1 CB report
TUV60950-1
UL60950-1+CAN/CSA60950-1
GB4943.1-2011, GB9254-2008, GB17625.1-2003
CE
MDD Directive 93/42/EEC
Environmental
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to/Output (2XMOPP)
Input to/Ground(1XMOPP)
Output to/Ground(1XMOPP)
4000 Vac
1500 Vac
1)
1500 Vac ( Type BF application rated)
1)
PSU can support PoE applications with Primary to FG 2500Vac test.


Similar Part No. - MDS-300ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-300ADB18AA DELTA-MDS-300ADB18AA Datasheet
831Kb / 12P
   Medical AC-DC Enclosed Power Supply
More results

Similar Description - MDS-300ADB12AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-400ADB12AA DELTA-MDS-400ADB12AA Datasheet
708Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB18AA DELTA-MDS-300ADB18AA Datasheet
831Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB48AA DELTA-MDS-300ADB48AA Datasheet
857Kb / 13P
   Medical AC-DC Enclosed Power Supply
MDS-400ADB24AA DELTA-MDS-400ADB24AA Datasheet
6Mb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB12AA DELTA-MDS-200APB12AA Datasheet
706Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200ADB24AA DELTA-MDS-200ADB24AA Datasheet
806Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-300ADB24AA DELTA-MDS-300ADB24AA Datasheet
723Kb / 12P
   Medical AC-DC Enclosed Power Supply
MDS-200ADB12AA DELTA-MDS-200ADB12AA Datasheet
750Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24AA DELTA-MDS-200APB24AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
MDS-200APB24-AA DELTA-MDS-200APB24-AA Datasheet
764Kb / 11P
   Medical AC-DC Enclosed Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com