Electronic Components Datasheet Search |
|
MDS-300ADB24AA Datasheet(PDF) 6 Page - Delta Electronics, Inc. |
|
MDS-300ADB24AA Datasheet(HTML) 6 Page - Delta Electronics, Inc. |
6 / 12 page Medical AC-DC Enclosed Power Supply 24V 300W with 5V/0.5A Standby / MDS-300ADB24 AA Technical Datasheet All parameters are specified at 25°C ambient unless otherwise noted. www.DeltaPSU.com (November 2016, Rev. 04) 6 EMC (Compliant with IEC-60601-1-2 4 th Ed. requirements) EMC / Emissions EN55011/EN55022,FCC Title 47:Class B Harmonic Current Emissions IEC61000-3-2 Meet Class D limit Immunity to Voltage Flicker IEC61000-3-3 Electrostatic Discharge IEC61000-4-2 Level 4 Criteria A 1) Air Discharge: 15kV Contact Discharge: 8kV Radiated Field IEC61000-4-3 Criteria A 1) 80MHz-2700MHz, 10V/m AM modulation 385MHz-5785MHz, 28V/m Pulse mode and other modulation Electrical Fast Transient / Burst IEC61000-4-4 Level 3 Criteria A 1) :2kV Surge IEC61000-4-5 Level 3 Criteria A 1) Common Mode 3): 2kV Differential Mode 4): 1kV Conducted IEC61000-4-6 Level 2 Criteria A 1) 150kHz-80MHz, 3Vrms, 6Vrms at ISM bands and Amateur radio bands Power Frequency Magnetic Fields IEC61000-4-8 Criteria A 1) Magnetic field strength 30A/m Voltage Dips IEC61000-4-11 Criteria A 1) 0% UT, 0.5 cycle (10ms) , 0 o/45o/90o/135o/180o/225o/270o/315o/360o Criteria B 2) (Criteria A1) with 190W load) 0% UT, 1 cycle (20ms), 0 o Criteria B 2) 70% UT, 25 cycle (500ms), 0 o Criteria B 2) 0% UT, 250 cycle (5000ms), 0 o 1) Criteria A: Normal performance within the specification limits 2) Criteria B: Output out of regulation, or shuts down during test. Automatically restore to normal operation after test. 3) Asymmetrical: Common mode (Line to earth) 4) Symmetrical: Differential mode (Line to line) 5) Unless otherwise noted, requirements apply at 300 watt output load |
Similar Part No. - MDS-300ADB24AA |
|
Similar Description - MDS-300ADB24AA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |