Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-300APB18AA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # MDS-300APB18AA
Description  Medical AC-DC Open Frame Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-300APB18AA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button MDS-300APB18AA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 9Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 10Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 11Page - Delta Electronics, Inc. MDS-300APB18AA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Medical AC-DC Open Frame Power Supply
18V 300W with 5V/0.5A Standby / MDS-300APB18 AA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November. 2016, Rev. 04)
8
Dimensions
Mechanical drawing (MDS-300APB18 AA)
Notes
― Dimensions are in mm(inches)
Input Connector CN1
Control and STANDBY connector CN101
Pin 1
Neutral
Pin 1
Remote sense +
Pin 2
Line
Pin 2
Remote sense –
CN1 mates with Molex housing
26033031 and Molex series 6838
crimp terminals.
Pin 3
Power Good +
Pin 4
Power Good -(DC RTN)
Pin 5
Remote ON_OFF/INHIBIT +
CN2 PINGOOD:JP-13T mates with
KST:FDFNYD1-187 or other
applicable connectors.
Pin 6
Remote ON_OFF/INHIBIT -(DC RTN)
Pin7
5V Standby
Pin 8
DC RTN
Output Connector
Pin 9
5V Standby
CN102
Vo
Pin 10
DC RTN
CN103
DC RTN
CN101 mates with Molex housing 1041421000 and
Molex series 104539 crimp terminals.
For optimum EMI performance, the two mounting points shown in open frame mechanical drawing need to be connected
together to system earth case. Protective bonding conductor from the end product protective earth terminal can be tied to
CN2 for open frame model.


Similar Part No. - MDS-300APB18AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-300APB12-AA DELTA-MDS-300APB12-AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
More results

Similar Description - MDS-300APB18AA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-300APB24AA DELTA-MDS-300APB24AA Datasheet
747Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12AA DELTA-MDS-300APB12AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
MDS-400APB12AA DELTA-MDS-400APB12AA Datasheet
962Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-250A DELTA-MDS-250A Datasheet
668Kb / 13P
   Medical AC-DC Open Frame Power Supply
MDS-400APB24-AA DELTA-MDS-400APB24-AA Datasheet
592Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB48AA DELTA-MDS-300APB48AA Datasheet
885Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-400APB24AA DELTA-MDS-400APB24AA Datasheet
592Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB24-AA DELTA-MDS-300APB24-AA Datasheet
747Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB48-AA DELTA-MDS-300APB48-AA Datasheet
885Kb / 12P
   Medical AC-DC Open Frame Power Supply
MDS-300APB12-AA DELTA-MDS-300APB12-AA Datasheet
849Kb / 11P
   Medical AC-DC Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com