Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZEN056V260A16YC Datasheet(PDF) 2 Page - Littelfuse

Part # ZEN056V260A16YC
Description  Single component placement
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ZEN056V260A16YC Datasheet(HTML) 2 Page - Littelfuse

  ZEN056V260A16YC Datasheet HTML 1Page - Littelfuse ZEN056V260A16YC Datasheet HTML 2Page - Littelfuse ZEN056V260A16YC Datasheet HTML 3Page - Littelfuse ZEN056V260A16YC Datasheet HTML 4Page - Littelfuse ZEN056V260A16YC Datasheet HTML 5Page - Littelfuse ZEN056V260A16YC Datasheet HTML 6Page - Littelfuse ZEN056V260A16YC Datasheet HTML 7Page - Littelfuse ZEN056V260A16YC Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PolyZen
Polymer Enhanced Zener Diode
PRODUCT: ZEN056V260A16YC
DOCUMENT: SCD28844
REV LETTER: A
REV DATE: JULY 26, 2016
PAGE NO.: 2 OF 8
CONFIGURATION INFORMATION
Pin Configuration (Top View)
Block Diagram
PIN DESCRIPTION
Pin Number
Pin Name
Pin Function
1
VIN
VIN. Device input
2
GND
GND
3
VOUT
VOUT. Zener regulated voltage output
MECHANICAL DIMMENSIONS
DEFINITION of TERMS
IPTC
Current flowing through the PTC portion of the
circuit
IFLT
RMS fault current flowing through the diode
IOUT
Current flowing out the VOUT pin of the device
Trip Event
A condition where the PTC transitions to a high
resistance state, thereby significantly limiting IPTC
and related currents.
Trip
Endurance
Time the PTC portion of the device remains in a
high resistance state.
Min
Typ
Max
mm
(in)
Length
A
4.80
(0.190)
5.00
(0.197)
5.20
(0.206)
Width
B
3.80
(0.150)
4.00
(0.158)
4.20
(0.166)
Height
C
1.20
(0.047)
1.30
(0.051)
1.40
(0.055)
1
VIN
GND
2
1
VOUT
3
2
1
GND
I
FLT
V
IN
I
OUT
I
PTC, IHOLD
V
OUT
GND
I
FLT
V
IN
I
OUT
I
PTC, IHOLD
V
OUT


Similar Part No. - ZEN056V260A16YC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZEN056V230A16CE MACOM-ZEN056V230A16CE Datasheet
746Kb / 8P
   Polymer Enhanced Zener Diode Micro-Assemblies
ZEN056V230A16LS MACOM-ZEN056V230A16LS Datasheet
313Kb / 8P
   Polymer Protected Zener Diode
ZEN056V230A16LS MACOM-ZEN056V230A16LS Datasheet
387Kb / 10P
   PolyZen Devices Polymer Protected Zener Diode
logo
Littelfuse
ZEN056V230A16LS LITTELFUSE-ZEN056V230A16LS Datasheet
584Kb / 9P
   Polymer Enhanced Zener Diode Micro-Assemblies
ZEN056V230A16YC LITTELFUSE-ZEN056V230A16YC Datasheet
1Mb / 9P
   Minimal power dissipation requirements
More results

Similar Description - ZEN056V260A16YC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ZEN132V130A16YM LITTELFUSE-ZEN132V130A16YM Datasheet
1Mb / 8P
   Single component placement
ZEN056V115A24LS LITTELFUSE-ZEN056V115A24LS Datasheet
648Kb / 8P
   Single component placement
ZEN059V130A24LS LITTELFUSE-ZEN059V130A24LS Datasheet
730Kb / 9P
   Single component placement
logo
Samsung semiconductor
ARTIK710 SAMSUNG-ARTIK710 Datasheet
2Mb / 67P
   ARTIK 710 Module Block Diagram and Component Placement
logo
Ningbo songle relay co....
SLA-12VDC-SL-C SONGLERELAY-SLA-12VDC-SL-C Datasheet
670Kb / 2P
   SIngle-component type 4 P
logo
Intel Corporation
M8751H-8 INTEL-M8751H-8 Datasheet
1Mb / 16P
   SINGLE-COMPONENT 8 BIT MICROCOMPUTER
logo
AUK corp
SD60C31 AUK-SD60C31 Datasheet
279Kb / 12P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
SD60C32 AUK-SD60C32 Datasheet
90Kb / 13P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
logo
List of Unclassifed Man...
DMC60C51 ETC2-DMC60C51 Datasheet
583Kb / 12P
   COMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
DMC60C52 ETC2-DMC60C52 Datasheet
712Kb / 14P
   CMOS SINGLE-COMPONENT 8-BIT MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com