Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T545Y157M006ATE0507280 Datasheet(PDF) 6 Page - Kemet Corporation

Part # T545Y157M006ATE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T545Y157M006ATE0507280 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button T545Y157M006ATE0507280 Datasheet HTML 2Page - Kemet Corporation T545Y157M006ATE0507280 Datasheet HTML 3Page - Kemet Corporation T545Y157M006ATE0507280 Datasheet HTML 4Page - Kemet Corporation T545Y157M006ATE0507280 Datasheet HTML 5Page - Kemet Corporation T545Y157M006ATE0507280 Datasheet HTML 6Page - Kemet Corporation T545Y157M006ATE0507280 Datasheet HTML 7Page - Kemet Corporation T545Y157M006ATE0507280 Datasheet HTML 8Page - Kemet Corporation T545Y157M006ATE0507280 Datasheet HTML 9Page - Kemet Corporation T545Y157M006ATE0507280 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016
66
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Derating Guidelines
100%
95%
90%
85%
80%
75%
70%
65%
60%
55%
50%
−55
25
45
Temperature (ºC)
85
105
Recommended Application Voltage
V
R > 10 V
Recommended Application Voltage
V
R ≤ 10 V
Rated Voltage
Recommended Application Voltage
KOCAP’s are solid state capacitors that demonstrate no wearout mechanism when operated within their recommended
guidelines. While the KOCAP can be operated at full rated voltage, most circuit designers seek a minimum level of
assurance in long term reliability which should be demonstrated with data. A voltage derating can provide the desired level
of demonstrated reliability based on industry accepted acceleration models. Since most applications do require long term
reliability, KEMET recommends that designers consider a voltage derating, according the graphic above, for the maximum
steady state voltage.
Voltage
Rating
Maximum
Recommended
Steady State Voltage
−55°C to 105°C
6.3 V ≤ Vr ≤ 10 V
90% of Vr
10 V < Vr
80% of Vr
V
R = Rated Voltage


Similar Part No. - T545Y157M006ATE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T545Y337M010ATE035 KEMET-T545Y337M010ATE035 Datasheet
76Kb / 1P
   Tantalum, Polymer Tantalum, T545, 330 uF, 20%, 10 V, 7343, SMD, Polymer, Molded, High Energy Density, 35 mOhms, 4mm
More results

Similar Description - T545Y157M006ATE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com