Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZEN098V230A16LS Datasheet(PDF) 3 Page - Littelfuse

Part # ZEN098V230A16LS
Description  Overvoltage transient suppression
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

ZEN098V230A16LS Datasheet(HTML) 3 Page - Littelfuse

  ZEN098V230A16LS Datasheet HTML 1Page - Littelfuse ZEN098V230A16LS Datasheet HTML 2Page - Littelfuse ZEN098V230A16LS Datasheet HTML 3Page - Littelfuse ZEN098V230A16LS Datasheet HTML 4Page - Littelfuse ZEN098V230A16LS Datasheet HTML 5Page - Littelfuse ZEN098V230A16LS Datasheet HTML 6Page - Littelfuse ZEN098V230A16LS Datasheet HTML 7Page - Littelfuse ZEN098V230A16LS Datasheet HTML 8Page - Littelfuse ZEN098V230A16LS Datasheet HTML 9Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PolyZen
Polymer Enhanced Zener Diode
Micro-Assemblies
PRODUCT: ZEN098V230A16LS
DOCUMENT: SCD27861
REV LETTER: B
REV DATE: JULY 26, 2016
PAGE NO.: 3 OF 8
© 2016 Littelfuse,Inc.
littelfuse.com
Specifications are subject to change without notice.
Revised July 26, 2016
GENERAL SPECIFICATIONS
Operating Temperature
-40º to +85ºC
Storage Temperature
-40º to +85ºC
ELECTRICAL CHARACTERISTICS1-3, 11 (Typical unless otherwise specified)
VZ
4
(V)
Izt
4
(A)
IHOLD
5
@20ºC
(A)
Leakage Current
R Typ6
(Ohms)
R1Max
7
(Ohms)
VInt Max
8
(V)
IFLT Max
9
Tripped Power
Dissipation 10
Max
VINT
Max
(V)
Test
Current
(A)
IFLT
Max
(A)
Test
Voltage
(V)
Value
(W)
Test
Voltage
(V)
Min
Typ
Max
Test
Voltage
Max
Current
(mA)
9.6
9.8
10.0
0.1
2.3
9.5
5.0
0.04
0.06
16V
5A
+3.5
-40
+16
-12
1.0
16
Note 1: Electrical characteristics determined at 25ºC unless otherwise specified.
Note 2: This device is intended for limited fault protection. Repeated trip events or extended trip endurance can degrade the
device and may affect performance to specifications. Performance impact will depend on multiple factors including,
but not limited to, voltage, trip current, trip duration, trip cycles, and circuit design. For details or ratings specific to your
application contact, Littelfuse Circuit Protection Division directly.
Note 3: Specifications developed using
1.0 ounce 0.045” wide copper traces on dedicated FR4 test boards. Performance in
your application may vary.
Note 4: Izt is the current at which Vz is measured (VZ = VOUT). Additional VZ values are available on request.
Note 5: IHOLD : Maximum steady state IPTC (current entering or exiting the VIN pin of the device) that will not generate a trip
event at the specified temperature. Specification assumes IFLT (current flowing through the Zener diode) is sufficiently
low so as to prevent the diode
from acting as a heat source. Testing is conducted with an “open” Zener.
Note 6: R Typ: Resistance between VIN and VOUT pins during normal operation at room temperature.
Note 7: R1Max: The maximum resistance between VIN and VOUT pins at room temperature, one hour after 1st trip or after reflow
soldering.
Note 8: VINT Max: VINT Max relates to the voltage across the PPTC portion of the PolyZen device (VIN-VOUT). VINT Max is
defined as the voltage (VIN-VOUT) at which typical qualification devices (98% devices, 95% confidence) survived at
least 100 trip cycles and 24 hours trip endurance at the specified voltage (VIN-VOUT) and current (IPTC). VINT Max
testing is conducted using a "shorted" load (VOUT = 0 V). VINT Max is a survivability rating, not a performance rating.
Note 9: IFLT Max: IFLT Max relates to the steady state current flowing through the diode portion of the PolyZen device in a fault
condition, prior to a trip event. IFLT Max is defined as the current at which typical qualification devices (12 parts per lot
from 3 lots) survived 100 test cycles. RMS fault current above IFLT Max may permanently damage the diode portion of
the PolyZen device. Testing is conducted with NO load connected to VOUT, such that IOUT
= 0. “Test voltage” is
defined as the voltage between VIN to GND and includes the PolyZen Diode drop. Specification is dependent on the
direction of current flow through the diode. IFLT Max is a survivability rating, not a performance rating.
Note 10: The power dissipated by the device when in
the “tripped” state, as measured on Littelfuse test boards (see note 3).
Note 11: Specifications based on limited qualification data and subject to change.
MECHANICAL DIMENSIONS
Min
Typical
Max
Length
L
3.85 mm
(0.152”)
4 mm
(0.16”)
4.15 mm
(0.163")
Width
W
3.85 mm
(0.152”)
4 mm
(0.16”)
4.15 mm
(0.163")
Height
H
1.4mm
(0.055”)
1.7 mm
(0.067”)
2.0 mm
(0.081”)
Length
Diode
Ld
-
3.0 mm
(0.118”)
-
Height
Diode
Hd
-
1.0 mm
(0.039”)
-
Offset
O1
-
0.6 mm
(0.024”)
-
Offset
O2
-
0.7 mm
(0.028”)
-


Similar Part No. - ZEN098V230A16LS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZEN098V230A16LS MACOM-ZEN098V230A16LS Datasheet
387Kb / 10P
   PolyZen Devices Polymer Protected Zener Diode
More results

Similar Description - ZEN098V230A16LS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ZEN132V130A24LS MACOM-ZEN132V130A24LS Datasheet
226Kb / 5P
   Overvoltage transient suppression
logo
Littelfuse
ZEN056V130A16YM LITTELFUSE-ZEN056V130A16YM Datasheet
1Mb / 8P
   Overvoltage transient suppression
ZEN056V130A24YC LITTELFUSE-ZEN056V130A24YC Datasheet
1Mb / 9P
   Overvoltage transient suppression
logo
Nexperia B.V. All right...
MMBZ15VDL-Q NEXPERIA-MMBZ15VDL-Q Datasheet
213Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
13 June 2022
logo
NXP Semiconductors
MMBZXVDL NXP-MMBZXVDL Datasheet
79Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
logo
Nexperia B.V. All right...
MMBZ27VCL-Q NEXPERIA-MMBZ27VCL-Q Datasheet
217Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
13 June 2022
logo
NXP Semiconductors
MMBZXVCL PHILIPS-MMBZXVCL Datasheet
87Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
logo
Nexperia B.V. All right...
MMBZ18VCL-Q NEXPERIA-MMBZ18VCL-Q Datasheet
212Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
2 March 2023
MMBZ18VCL NEXPERIA-MMBZ18VCL Datasheet
215Kb / 11P
   Double ESD protection diode for transient overvoltage suppression
17 August 2023
logo
NXP Semiconductors
MMBZXVAL NXP-MMBZXVAL Datasheet
78Kb / 15P
   Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com