Electronic Components Datasheet Search |
|
PMH-24V150WCBX Datasheet(PDF) 9 Page - Delta Electronics, Inc. |
|
PMH-24V150WCBX Datasheet(HTML) 9 Page - Delta Electronics, Inc. |
9 / 13 page TECHNICAL DATASHEET PMH Panel Mount Power Supply 24V 150W 1 Phase / PMH-24V150WCB□ All parameters are specified at 25°C ambient and AC input unless otherwise indicated. www.DeltaPSU.com (June 2017, Rev.03) 9 Installation of Mounting Accessories Safety Instructions To ensure sufficient con vection cooling, always maintain a safety distance of ≥ 20mm (0.78 inch) from all ventilated surfaces while the device is in operation. The device is not recommended to be placed on surface with low thermal conductivity, such as plastics, for example. Note that the enclosure of the device can become very hot depending on the ambient temperature and load of the power supply. Do not touch the device while it is in operation or immediately after power is turned OFF. Risk of burning! Do not touch the terminals while power is being supplied. Risk of electric shock. Prevent any foreign metal, particles or conductors from entering the device through the openings during installation. It may cause: Electric shock; Safety Hazard; Fire; Product failure The appliance is not to be used by persons (including children) with reduced physical, sensory or mental capabilities, or lack of experience and knowledge, unless they have been given supervision or instruction. Warning: When connecting the device, secure Earth connection before connecting L and N. When disconnecting the device, remove L and N connections before removing the Earth connection. The device is earthed and must be inaccessible. Accessories L-02: Latch P-03: Bracket These accessories are used to mount the panel mount power supply onto a DIN rail. Only use M3 screw ≤ 6mm (0.23 inch) through the base mounting holes. This is to keep a safety distance between the screw and internal components. Recommended mounting tightening torque: 4~8 Kgf.cm (3.47~6.94 lbf.in) . |
Similar Part No. - PMH-24V150WCBX |
|
Similar Description - PMH-24V150WCBX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |