Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMR-5V320WCXA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # PMR-5V320WCXA
Description  PMR Panel Mount Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMR-5V320WCXA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button PMR-5V320WCXA Datasheet HTML 5Page - Delta Electronics, Inc. PMR-5V320WCXA Datasheet HTML 6Page - Delta Electronics, Inc. PMR-5V320WCXA Datasheet HTML 7Page - Delta Electronics, Inc. PMR-5V320WCXA Datasheet HTML 8Page - Delta Electronics, Inc. PMR-5V320WCXA Datasheet HTML 9Page - Delta Electronics, Inc. PMR-5V320WCXA Datasheet HTML 10Page - Delta Electronics, Inc. PMR-5V320WCXA Datasheet HTML 11Page - Delta Electronics, Inc. PMR-5V320WCXA Datasheet HTML 12Page - Delta Electronics, Inc. PMR-5V320WCXA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TECHNICAL DATASHEET
PMR Panel Mount Power Supply
5V 300W 1 Phase / PMR-5V320WC
A
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (August 2014, Rev. 00)
10
Safety Instructions
If user’s mounting orientation is not according to the recommended mounting orientations, please consult Delta for further
information.
To ensure sufficient convection cooling, always maintain a distance of ≥ 20mm from ventilated surfaces while the device is in
operation.
The device is not recommended to be placed on low thermal conductive surface. For example, plastics.
The enclosure of the device can become very hot depending on the ambient temperature and load of the power supply. Do not
touch the device while it is in operation or immediately after power is turned OFF. Risk of burning!
Do not touch the terminals while power is being supplied. Risk of electric shock.
Prevent any foreign metal, particles or conductors from entering the device through the openings during installation.
It may cause electric shock, safety hazard, fire, and/or product failure.
Warning: When connecting the device, secure Earth connection before connecting L and N. When disconnecting the device,
remove L and N connections before removing the Earth connection. The power supply must be mounted by metal screws onto a
grounded metal surface. It is highly recommended that the Earth terminal on the connector be connected to the grounded metal
surface.
Accessories
LM-01: Top Fixing Bracket
This bracket is used to fix the power supply onto a flat
surface from the top.


Similar Part No. - PMR-5V320WCXA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMR-5V320WDXA DELTA-PMR-5V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
More results

Similar Description - PMR-5V320WCXA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMR-5V320WDXA DELTA-PMR-5V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
PMR-4V320WCXA DELTA-PMR-4V320WCXA Datasheet
942Kb / 13P
   PMR Panel Mount Power Supply
PMR-4V320WDXA DELTA-PMR-4V320WDXA Datasheet
1Mb / 13P
   PMR Panel Mount Power Supply
PMC-12V035W1AA DELTA-PMC-12V035W1AA_13 Datasheet
965Kb / 12P
   PMC Panel Mount Power Supply
PMC-12V050W1AA DELTA-PMC-12V050W1AA_13 Datasheet
944Kb / 11P
   PMC Panel Mount Power Supply
PMC-24V150W1AX DELTA-PMC-24V150W1AX Datasheet
646Kb / 12P
   PMC Panel Mount Power Supply
PMT-24V150W1AAA DELTA-PMT-24V150W1AAA Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-D2V100W1AAA DELTA-PMT-D2V100W1AAA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-12V35W1AX DELTA-PMT-12V35W1AX Datasheet
494Kb / 10P
   PMT Panel Mount Power Supply
PMC-24V600W1BA DELTA-PMC-24V600W1BA Datasheet
1Mb / 14P
   PMC Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com