Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWR11HH155MBA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CWR11HH155MBA
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR11HH155MBA Datasheet(HTML) 2 Page - Vishay Siliconix

  CWR11HH155MBA Datasheet HTML 1Page - Vishay Siliconix CWR11HH155MBA Datasheet HTML 2Page - Vishay Siliconix CWR11HH155MBA Datasheet HTML 3Page - Vishay Siliconix CWR11HH155MBA Datasheet HTML 4Page - Vishay Siliconix CWR11HH155MBA Datasheet HTML 5Page - Vishay Siliconix CWR11HH155MBA Datasheet HTML 6Page - Vishay Siliconix CWR11HH155MBA Datasheet HTML 7Page - Vishay Siliconix CWR11HH155MBA Datasheet HTML 8Page - Vishay Siliconix CWR11HH155MBA Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.vishay.com
48
CWR11
Vishay Sprague
Document Number 40011
Revision 31-Jan-05
For technical questions, contact tantalum@vishay.com
0.15
0.22
0.33
0.47
0.68
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
A
A
A
B
B
B
C
C
D
D
6 V
10 V
A
A
A
B
B
B
C
D
D
15 V
A
A
A
B
B
B
C
D
D
20 V
A
A
A
B
B
B
C
C
D
D
25 V
A
A
B
B
B
C
C
C
D
D
D
RATINGS AND CASE CODES
µF
STANDARD RATINGS
Max. DF 120 Hz (%) @
Max. DC Leakage (
µA) @
- 55
°C
+ 85
°C
+ 125
°C
+ 25
°C
+ 125
°C
+ 25
°C
CAPACITANCE
(
µF)
CASE
CODE
PART NUMBER
# = Tolerance: J = ± 5%, K = ± 10%, M = ± 20%. * = Weibull Failure Rate (%/1,000 hours): B = 0.1, C = 0.01, D = 0.001
Max. ESR
@ + 25
°C
100kHz
(Ohms)
A
A
B
B
B
C
D
D
4 V
4 WVDC @ + 85
°C, SURGE = 5.2 V . . . 2.7 WVDC @ + 125°C, SURGE = 3.4 V
+ 85
°C
CONSTRUCTION MARKING
Cathode
Termination ( - )
Tantalum
Capacitor
Element
Positive
Termination
Anode Weld
Epoxy Case
Polarity Stripe ( + )
CONSTRUCTION
MARKING
Polarity
Band
B, C, and D
Cases
Capacitance
Vishay Sprague Logo
Voltage
105
2
Capacitance Code, pf
Polarity Band
"JAN" Brand
105J
0.10
35
"JAN" Brand
35 V
A
A
A
A
B
B
B
C
C
C
D
D
J
2.2
A
CWR11CH225#*
0.5
5
6
6
9
9
8
4.7
A
CWR11CH475#*
0.5
5
6
6
9
9
8
6.8
B
CWR11CH685#*
0.5
5
6
6
9
9
5.5
10
B
CWR11CH106#*
0.5
5
6
6
9
9
4
15
B
CWR11CH156#*
0.6
6
7.2
6
6
9
3.5
33
C
CWR11CH336#*
1.3
13.0
15.6
6
9
9
2.2
68
D
CWR11CH686#*
2.7
27
32.4
6
9
9
1.1
100
D
CWR11CH107#*
4
40
48
8
12
12
0.9
50 V
A
B
B
B
C
C
C
D
D
D
D


Similar Part No. - CWR11HH155MBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11HH155MBA VISHAY-CWR11HH155MBA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
More results

Similar Description - CWR11HH155MBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
logo
Vishay Siliconix
293D VISHAY-293D Datasheet
160Kb / 13P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
Revision: 04-Jul-13
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com