Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMT-36V350W1AX Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # PMT-36V350W1AX
Description  PMT Panel Mount Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT-36V350W1AX Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button PMT-36V350W1AX Datasheet HTML 5Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 6Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 7Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 8Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 9Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 10Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 11Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 12Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
36V 350W 1 Phase / PMT-36V350W1A
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (December 2016, Rev. 02)
9
Assembly & Installation
Side Mounting: Fig. 2 and Fig. 3 show the mounting hole locations for power supply assembly onto a metal mounting surface. The
power supply shall be mounted on minimum of 4 mounting holes using M4 screw maximum 5mm length (Refer to Fig. 4). This is
to maintain a safety distance between the screw and internal components.
Base Mounting: Fig. 2 and Fig. 3 show the mounting hole locations for power supply assembly onto a metal mounting surface. The
power supply shall be mounted on minimum of 4 mounting holes using M4 screw maximum 4mm length (Refer to Fig. 4).
Connector
This surface belongs to customer’s end system or panel where the power supply is mounted.
Base Mounting (Horizontal)
Base Mounting (Vertical)
Side Mounting (Horizontal)
Fig. 2
Mounting Orientation
Use flexible cable (stranded or solid) of AWG No. 22-12. The input/output connectors’ allowable current is 23A max per pin. User
should calculate and select the suitable wire specification (type/quantity/diameter) according to actual output current. The torque at
the connector shall not exceed 13Kgf.cm. The insulation stripping length should not exceed 0.275” or 7mm.
Recommended mounting torque of the product and its mounting accessories is 9~12Kgf.cm.
Fig. 4
Assembly Reference
Only use M4 screw
≤ 5 mm through the base mounting holes at Ⓐ.
This is to keep a safe distance between the screw and internal
components.
Only use M4 screw
≤ 4 mm through the base mounting holes at Ⓑ.
Fig. 3
Mounting Hole Locations and the Safety Distance
For safety reasons, please ensure the mounted device is kept at ≥ 4mm safety distance at all sides from other components and
equipments. In addition, to ensure sufficient convection cooling, always ma
intain a distance of ≥ 20mm from fan ventilated surfaces
while the device is in operation. Please insert an insulation sheet between the system and product, if the safety distance is < 4mm.
Safety Distance
D1 = 4mm Min.
D2 = 20mm Min.


Similar Part No. - PMT-36V350W1AX

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PMT-1 MINI-PMT-1 Datasheet
199Kb / 1P
   Power Splitter/Combiner
PMT-1++ MINI-PMT-1+ Datasheet
199Kb / 1P
   Power Splitter/Combiner
logo
Delta Electronics, Inc.
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AGA DELTA-PMT-12V100W1AGA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AHA DELTA-PMT-12V100W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
More results

Similar Description - PMT-36V350W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com