Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMT-36V350W1AX Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part # PMT-36V350W1AX
Description  PMT Panel Mount Power Supply
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PMT-36V350W1AX Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button PMT-36V350W1AX Datasheet HTML 6Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 7Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 8Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 9Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 10Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 11Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 12Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 13Page - Delta Electronics, Inc. PMT-36V350W1AX Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
TECHNICAL DATASHEET
PMT Panel Mount Power Supply
36V 350W 1 Phase / PMT-36V350W1A
All parameters are specified at 25°C ambient and AC input unless otherwise indicated.
www.DeltaPSU.com (December 2016, Rev. 02)
11
Functions
Start-up Time
The time required for the output voltage to reach 90% of its set value, after the input voltage is applied.
Rise Time
The time required for the output voltage to change from 10% to 90% of its set value.
Hold-up Time
Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time
required for the output to reach 95% of its set value, after the input voltage is removed.
■ Graph illustrating the Start-up Time, Rise Time, and Hold-up Time
Inrush Current
Inrush current is the peak, instantaneous, input current measured
and, occurs when the input voltage is first applied. For AC input
voltages, the maximum peak value of inrush current will occur
during the first half cycle of the applied AC voltage. This peak
value decreases exponentially during subsequent cycles of AC
voltage.
Dynamic Response
The power supply output voltage will remain within ±5 of its
steady state value, when subjected to a dynamic load from 10 to
50% and 50 to 100% of its rated current.
10 to 50% Load
50 to 100% Load


Similar Part No. - PMT-36V350W1AX

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PMT-1 MINI-PMT-1 Datasheet
199Kb / 1P
   Power Splitter/Combiner
PMT-1++ MINI-PMT-1+ Datasheet
199Kb / 1P
   Power Splitter/Combiner
logo
Delta Electronics, Inc.
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AGA DELTA-PMT-12V100W1AGA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AHA DELTA-PMT-12V100W1AHA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
More results

Similar Description - PMT-36V350W1AX

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PMT-24V100W1AX DELTA-PMT-24V100W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V200W1AX DELTA-PMT-24V200W1AX Datasheet
1Mb / 14P
   PMT Panel Mount Power Supply
PMT-48V350W1AX DELTA-PMT-48V350W1AX Datasheet
980Kb / 14P
   PMT Panel Mount Power Supply
PMT-12V50W1AA DELTA-PMT-12V50W1AA Datasheet
662Kb / 11P
   PMT Panel Mount Power Supply
PMT-12V100W1AAA DELTA-PMT-12V100W1AAA Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-5V350W1AMA DELTA-PMT-5V350W1AMA Datasheet
1Mb / 12P
   PMT Panel Mount Power Supply
PMT-5V35W1AX DELTA-PMT-5V35W1AX Datasheet
1Mb / 13P
   PMT Panel Mount Power Supply
PMT-24V350W1AX DELTA-PMT-24V350W1AX Datasheet
976Kb / 14P
   PMT Panel Mount Power Supply
PMT-D2V100W1AX DELTA-PMT-D2V100W1AX Datasheet
1Mb / 11P
   PMT Panel Mount Power Supply
PMT-4V350W1AX DELTA-PMT-4V350W1AX Datasheet
986Kb / 12P
   PMT Panel Mount Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com