Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWR11FH155KBA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CWR11FH155KBA
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR11FH155KBA Datasheet(HTML) 3 Page - Vishay Siliconix

  CWR11FH155KBA Datasheet HTML 1Page - Vishay Siliconix CWR11FH155KBA Datasheet HTML 2Page - Vishay Siliconix CWR11FH155KBA Datasheet HTML 3Page - Vishay Siliconix CWR11FH155KBA Datasheet HTML 4Page - Vishay Siliconix CWR11FH155KBA Datasheet HTML 5Page - Vishay Siliconix CWR11FH155KBA Datasheet HTML 6Page - Vishay Siliconix CWR11FH155KBA Datasheet HTML 7Page - Vishay Siliconix CWR11FH155KBA Datasheet HTML 8Page - Vishay Siliconix CWR11FH155KBA Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.vishay.com
49
CWR11
Vishay Sprague
Document Number 40011
Revision 31-Jan-05
For technical questions, contact tantalum@vishay.com
STANDARD RATINGS
Max. DF 120 Hz (%) @
Max. DC Leakage (µA) @
CAPACITANCE
(
µF)
CASE
CODE
- 55
°C
+ 85
°C
+ 125
°C
+ 25
°C
+ 125
°C
+ 85
°C
PART NUMBER
+ 25
°C
M
ax. ESR
@ + 25
°C
100kHz
(Ohms)
# = Tolerance: J = ± 5%, K = ± 10%, M = ± 20% *= Weibull Failure Rate (%/1,000 hours): B = 0.1, C = 0.01, D = 0.001
6 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 8 V
15 WVDC @ + 85
°C, SURGE = 20 V . . . 10 WVDC @ + 125°C, SURGE = 12 V
20 WVDC @ + 85
°C, SURGE = 26 V . . . 13 WVDC @ + 125°C, SURGE = 16 V
25 WVDC @ + 85
°C, SURGE = 32 V . . . 17 WVDC @ + 125°C, SURGE = 20 V
1.5
A
CWR11DH155#*
0.5
5
6
6
9
9
8
2.2
A
CWR11DH225#*
0.5
5
6
6
6
9
8
3.3
A
CWR11DH335#*
0.5
5
6
6
9
9
8
4.7
B
CWR11DH475#*
0.5
5
6
6
9
9
5.5
6.8
B
CWR11DH685#*
0.5
5
6
6
6
9
4.5
10
B
CWR11DH106#*
0.6
6
7.2
6
9
9
3.5
15
C
CWR11DH156#*
0.9
9.0
10.8
6
6
9
3.0
22
C
CWR11DH226#*
1.4
14.0
16.8
6
9
9
2.2
47
D
CWR11DH476#*
2.8
28
33.6
6
6
9
1.1
68
D
CWR11DH686#*
4.3
43
51.6*
6
9
9
0.9
1
A
CWR11FH105#*
0.5
5
6
4
6
6
10
1.5
A
CWR11FH155#*
0.5
5
6
6
6
9
8
2.2
A
CWR11FH225#*
0.5
5
6
6
9
9
8
3.3
B
CWR11FH335#*
0.5
5
6
6
9
9
5.5
4.7
B
CWR11FH475#*
0.5
5
6
6
9
9
4.5
6.8
B
CWR11FH685#*
0.7
7
8.4
6
9
9
3.5
15
C
CWR11FH156#*
1.5
15
18.0
6
6
9
2.5
33
D
CWR11FH336#*
3.3
33
39.6
6
6
9
1.1
47
D
CWR11FH476#*
4.7
47
56.4
6
9
9
0.9
0.68
A
CWR11HH684#*
0.5
5
6
4
6
6
12
1
A
CWR11HH105#*
0.5
5
6
4
6
6
10
1.5
A
CWR11HH155#*
0.5
5
6
6
9
9
8
2.2
B
CWR11HH225#*
0.5
5
6
6
9
9
5.5
3.3
B
CWR11HH335#*
0.5
5
6
6
8
9
5
4.7
B
CWR11HH475#*
0.7
7
8.4
6
9
9
4
10
C
CWR11HH106#*
1.6
16
19.2
6
8
9
2.5
22
D
CWR11HH226#*
3.3
33
39.6
6
8
9
1.1
33
D
CWR11HH336#*
5.3
53
63.6
6
9
9
0.9
0.47
A
CWR11JH474#*
0.5
5
6
4
6
6
14
0.68
A
CWR11JH684#*
0.5
5
6
4
6
6
12
1
A
CWR11JH105#*
0.5
5
6
4
6
6
10
1.5
B
CWR11JH155#*
0.5
5
6
6
9
9
6
2.2
B
CWR11JH225#*
0.5
5
6
6
8
9
5
3.3
B
CWR11JH335#*
0.7
7
8.4
6
9
9
4
4.7
C
CWR11JH475#*
1.0
10
12
6
8
9
3.0
6.8
C
CWR11JH685#*
1.4
14
16.8
6
9
9
2.4
15
D
CWR11JH156#*
3
30
36
6
8
9
1.1
22
D
CWR11JH226#*
4.4
44
52.8
6
9
9
0.9
0.33
A
CWR11KH334#*
0.5
5.0*
6
4
6
6
15
0.47
A
CWR11KH474#*
0.5
5.0*
6
4
6
6
14
0.68
B
CWR11KH684#*
0.5
5.0*
6
4
6
6
7.5
1
B
CWR11KH105#*
0.5
5.0*
6
4
6
6
6.5
1.5
B
CWR11KH155#*
0.5
5.0*
6
6
8
9
6.5
2.2
C
CWR11KH225#*
0.6
6.0
7.2
6
9
9
3.5
3.3
C
CWR11KH335#*
0.9
9.0
10.8
6
8
9
2.5
4.7
C
CWR11KH475#*
1.2
12
14.4
6
9
9
2.5
6.8
D
CWR11KH685#*
1.7
17.0*
20.4
6
9
9
1.4
10
D
CWR11KH106#*
2.5
25.0*
30
6
8
9
1.2
15
D
CWR11KH156#*
3.8
38.0*
45.6
6
9
9
1
35 WVDC @ + 85
°C, SURGE = 46 V . . . 23 WVDC @ + 125°C, SURGE = 28 V
0.1
A
CWR11MH104#*
0.5
5
6
4
6
6
24
0.15
A
CWR11MH154#*
0.5
5
6
4
6
6
21
0.22
A
CWR11MH224#*
0.5
5
6
4
6
6
18


Similar Part No. - CWR11FH155KBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11FH155KBA VISHAY-CWR11FH155KBA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
More results

Similar Description - CWR11FH155KBA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
logo
Vishay Siliconix
293D VISHAY-293D Datasheet
160Kb / 13P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
Revision: 04-Jul-13
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com