Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T495U107M016ANE0457280 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T495U107M016ANE0457280
Description  Tantalum Surface Mount Capacitors ??Low ESR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T495U107M016ANE0457280 Datasheet(HTML) 5 Page - Kemet Corporation

  T495U107M016ANE0457280 Datasheet HTML 1Page - Kemet Corporation T495U107M016ANE0457280 Datasheet HTML 2Page - Kemet Corporation T495U107M016ANE0457280 Datasheet HTML 3Page - Kemet Corporation T495U107M016ANE0457280 Datasheet HTML 4Page - Kemet Corporation T495U107M016ANE0457280 Datasheet HTML 5Page - Kemet Corporation T495U107M016ANE0457280 Datasheet HTML 6Page - Kemet Corporation T495U107M016ANE0457280 Datasheet HTML 7Page - Kemet Corporation T495U107M016ANE0457280 Datasheet HTML 8Page - Kemet Corporation T495U107M016ANE0457280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2009_T495 • 5/3/2017
55
Tantalum Surface Mount Capacitors – Low ESR
T495 Series Surge Robust MnO
2
Table 1 – Ratings & Part Number Reference
(1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance.
(2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N =
Non-Magnetic 100% Tin (Sn) or M = Non-Magnetic (SnPb). Designates termination finish.
Refer to Ordering Information for additional detail.
Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will
be marked with the higher voltage rating. Substitutions can include better than series.
Rated
Voltage
Rated
Cap
Case
Code/
Case Size
KEMET Part
Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL
VDC at 85°C
µF
KEMET/EIA
(See below for
part options)
µA +20°C
Max/5 Min
% at +20°C
120 Hz Max
mΩ at 20°C
100 kHz
Max
mA at +25°C
100 kHz
mA at
+85°C 100
kHz
mA at
+125°C 100
kHz
°C
Reflow
Temp
≤ 260°C
2.5
100
T/3528-12
T495T107(M)2R5A(2)E3K0
2.5
24.0
3000
153
138
61
125
1
2.5
220
D/7343-31
T495D227(1)2R5A(2)E045
5.5
8.0
45
1826
1643
730
125
1
2.5
470
D/7343-31
T495D477(1)2R5A(2)E035
11.8
8.0
35
2070
1863
828
125
1
2.5
1000
X/7343-43
T495X108(1)2R5A(2)E030
25.0
15.0
30
2345
2111
938
125
1
2.5
1000
X/7343-43
T495X108(1)2R5A(2)E040
25.0
15.0
40
2031
1828
812
125
1
4
6.8
A/3216-18
T495A685(1)004A(2)E2K0
0.5
6.0
2000
194
175
78
125
1
4
22
C/6032-28
T495C226(1)004A(2)E2K4
0.9
6.0
2400
214
193
86
125
1
4
22
C/6032-28
T495C226(1)004A(2)E380
0.9
6.0
380
538
484
215
125
1
4
33
T/3528-12
T495T336(1)004A(2)E1K2
1.3
8.0
1200
242
218
97
125
1
4
47
T/3528-12
T495T476(1)004A(2)E1K0
1.9
10.0
1000
265
239
106
125
1
4
68
T/3528-12
T495T686(1)004A(2)E1K5
2.7
20.0
1500
216
194
86
125
1
4
68
V/7343-20
T495V686(1)004A(2)E150
2.7
6.0
150
913
822
365
125
1
4
100
B/3528-21
T495B107(1)004A(2)E500
4.0
8.0
500
412
371
165
125
1
4
100
D/7343-31
T495D107(1)004A(2)E800
4.0
6.0
800
433
390
173
125
1
4
150
B/3528-21
T495B157(M)004A(2)E900
6.0
12.0
900
307
276
123
125
1
4
150
C/6032-28
T495C157(1)004A(2)E070
6.0
12.0
70
1254
1129
502
125
1
4
150
C/6032-28
T495C157(1)004A(2)E250
6.0
8.0
250
663
597
265
125
1
4
150
U/6032-15
T495U157(1)004A(2)E200
6.0
8.0
200
671
604
268
125
1
4
220
D/7343-31
T495D227(1)004A(2)E040
8.8
8.0
40
1936
1742
774
125
1
4
220
D/7343-31
T495D227(1)004A(2)E050
8.8
8.0
50
1732
1559
693
125
1
4
220
D/7343-31
T495D227(1)004A(2)E100
8.8
8.0
100
1225
1103
490
125
1
4
330
C/6032-28
T495C337(1)004A(2)E300
13.2
10.0
300
606
545
242
125
1
4
330
C/6032-28
T495C337(1)004A(2)E700
13.2
12.0
700
396
356
158
125
1
4
330
D/7343-31
T495D337(1)004A(2)E030
13.2
8.0
30
2236
2012
894
125
1
4
330
D/7343-31
T495D337(1)004A(2)E045
13.2
8.0
45
1826
1643
730
125
1
4
330
D/7343-31
T495D337(1)004A(2)E100
13.2
8.0
100
1225
1103
490
125
1
4
470
D/7343-31
T495D477(1)004A(2)E045
18.8
12.0
45
1826
1643
730
125
1
4
470
D/7343-31
T495D477(1)004A(2)E100
18.8
12.0
100
1225
1103
490
125
1
4
470
X/7343-43
T495X477(1)004A(2)E030
18.8
8.0
30
2345
2111
938
125
1
4
470
X/7343-43
T495X477(1)004A(2)E045
18.8
8.0
45
1915
1724
766
125
1
4
470
X/7343-43
T495X477(1)004A(2)E060
18.8
10.0
60
1658
1492
663
125
1
4
470
X/7343-43
T495X477(1)004A(2)E100
18.8
8.0
100
1285
1157
514
125
1
4
680
X/7343-43
T495X687(1)004A(2)E040
27.2
10.0
40
2031
1828
812
125
1
4
680
X/7343-43
T495X687(1)004A(2)E060
27.2
10.0
60
1658
1492
663
125
1
4
680
X/7343-43
T495X687(1)004A(2)E100
27.2
10.0
100
1285
1157
514
125
1
4
1000
X/7343-43
T495X108(1)004A(2)E030
40.0
10.0
30
2345
2111
938
125
1
4
1000
X/7343-43
T495X108(1)004A(2)E040
40.0
10.0
40
2031
1828
812
125
1
4
1000
X/7343-43
T495X108(1)004A(2)E060
40.0
10.0
60
1658
1492
663
125
1
4
1000
X/7343-43
T495X108(1)004A(2)E070
40.0
10.0
70
1535
1382
614
125
1
4
1000
X/7343-43
T495X108(1)004A(2)E090
40.0
10.0
90
1354
1219
542
125
1
4
1000
X/7343-43
T495X108(1)004A(2)E100
40.0
10.0
100
1285
1157
514
125
1
4
1000
E/7360-38
T495E108(1)004A(2)E035
40.0
15.0
35
2390
2151
956
125
1
4
1000
E/7360-38
T495E108(1)004A(2)E050
40.0
15.0
50
2000
1800
800
125
1
6.3
2.2
A/3216-18
T495A225(1)006ATE5K0
0.5
6.0
5000
122
110
49
125
1
6.3
3.3
A/3216-18
T495A335(1)006ATE3K0
0.5
6.0
3000
158
142
63
125
1
VDC at 85ºC
µF
KEMET/EIA
(See below for
part options)
µA +20ºC
Max/5 Min
% at +20ºC
120 Hz Max
mΩ at 20ºC
100 kHz
Max
mA at +25ºC
100 kHz
mA at
+85ºC 100
kHz
mA at
+125ºC 100
kHz
ºC
Reflow
Temp
≤ 260ºC
Rated
Voltage
Rated
Cap
Case Code/
Case Size
KEMET Part Number
DC
Leakage
DF
ESR
Maximum Allowable
Ripple Current
Maximum
Operating
Temp
MSL


Similar Part No. - T495U107M016ANE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495U107M016AHE045 KEMET-T495U107M016AHE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
T495U107M016ATE045 KEMET-T495U107M016ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
More results

Similar Description - T495U107M016ANE0457280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494T336M004AT KEMET-T494T336M004AT_16 Datasheet
1Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR
T495X107M010ATE045 KEMET-T495X107M010ATE045 Datasheet
1Mb / 29P
   Tantalum Surface Mount Capacitors ??Low ESR
logo
Dubilier
SHJLC1025K-XXXX DUBILIER-SHJLC1025K-XXXX Datasheet
145Kb / 3P
   SURFACE MOUNT TANTALUM CHIP - LOW ESR SHJL
logo
Vishay Siliconix
TMCR VISHAY-TMCR Datasheet
260Kb / 13P
   Solid Tantalum Surface Mount Chip Capacitors, Molded Case, Low ESR
Revision: 26-Oct-17
TR3 VISHAY-TR3 Datasheet
149Kb / 12P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Molded Case, Low ESR
Revision: 22-Apr-08
logo
Kemet Corporation
T495X475K050AHE300 KEMET-T495X475K050AHE300 Datasheet
1Mb / 28P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T495X476K035ATE200 KEMET-T495X476K035ATE200 Datasheet
1Mb / 26P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
T495D157K016ATE125 KEMET-T495D157K016ATE125 Datasheet
1Mb / 27P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T495 Surge Robust Low ESR MnO2 Series
logo
Vishay Siliconix
593D106X9025C2TE3 VISHAY-593D106X9025C2TE3 Datasheet
377Kb / 18P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT, Molded Case, Low ESR
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com