Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC08HQ Datasheet(PDF) 5 Page - Analog Devices

Part # DAC08HQ
Description  8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC08HQ Datasheet(HTML) 5 Page - Analog Devices

  DAC08HQ Datasheet HTML 1Page - Analog Devices DAC08HQ Datasheet HTML 2Page - Analog Devices DAC08HQ Datasheet HTML 3Page - Analog Devices DAC08HQ Datasheet HTML 4Page - Analog Devices DAC08HQ Datasheet HTML 5Page - Analog Devices DAC08HQ Datasheet HTML 6Page - Analog Devices DAC08HQ Datasheet HTML 7Page - Analog Devices DAC08HQ Datasheet HTML 8Page - Analog Devices DAC08HQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. B
DAC08
–5–
DAC08N
DAC08G
DAC08GR
Parameter
Symbol
Conditions
Limit
Limit
Limit
Unit
Resolution
8
8
8
Bits min
Monotonicity
8
8
8
Bits min
Nonlinearity
NL
±0.1
±0.19
±0.39
% FS max
Output Voltage
VOC
Full-Scale Current
+18
+18
+18
V max
Compliance
Change < 1/2 LSB
–10
–10
–10
V min
Full-Scale Current
IFS4 or
VREF = 10.000 V
2.04
2.04
2.04
mA max
IFS2
R14, R15 = 5.000 k
1.94
1.94
1.94
mA min
Full-Scale Symmetry
IFSS
±8
±8
±16
µA max
Zero-Scale Current
IZS
24
4
µA max
Output Current Range
IFS1 or
V– = –10 V,
VREF = +15 V
2.1
2.1
2.1
mA min
V– = –12 V,
IFS2
VREF = +25 V
4.2
4.2
4.2
mA min
R14, R15 = 5.000 k
Logic Input “0”
VIL
0.8
0.8
0.8
V max
Logic Input “1”
VIH
22
2
V min
Logic Input Current
VLC = 0 V
Logic “0”
IIL
VIN = –10 V to +0.8 V
±10
±10
±10
µA max
Logic “1”
IIH
VIN = +2.0 V to +18 V
±10
±10
±10
µA max
Logic Input Swing
VIS
V– = –15 V
+18
+18
+18
V max
–10
–10
–10
V min
Reference Bias Current
I15
–3
–3
–3
µA max
Power Supply
PSSIFS+
V+ = +4.5 V to +18 V
0.01
0.01
0.01
% FS/% V max
Sensitivity
PSSIFS–
V– = –4.5 V to –18 V
IREF = 1.0 mA
Power Supply Current
I+
VS =
±15 V
3.8
3.8
3.8
mA max
IREF
≤ 2.0 mA
–7.8
–7.8
–7.8
µA max
Power Dissipation
PD
VS =
±15 V
174
174
174
mW max
IREF
≤ 2.0 mA
NOTE
Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed
for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
(@ VS =
15 V, IREF = 2.0 mA; TA = 25 C, unless otherwise noted. Output characteristics apply to both
IOUT and IOUT.)
WAFER TEST LIMITS


Similar Part No. - DAC08HQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC08HQ AD-DAC08HQ Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08HQ AD-DAC08HQ Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
DAC08HQ AD-DAC08HQ Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
More results

Similar Description - DAC08HQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC08 AD-DAC08 Datasheet
260Kb / 12P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. A
DAC08CSZ AD-DAC08CSZ Datasheet
224Kb / 12P
   8-Bit, High-Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. B
DAC08Q-883C AD-DAC08Q-883C Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
DAC10 AD-DAC10 Datasheet
300Kb / 10P
   10-Bit High Speed Multiplying D/A Converter Universal Digital Logic Interface
REV. D
DAC10FX AD-DAC10FX Datasheet
460Kb / 10P
   10-Bit High Speed Multiplying D/A Converter (Universal Digital Logic Interface)
REV. D
logo
List of Unclassifed Man...
DAC20 ETC1-DAC20 Datasheet
601Kb / 8P
   2 - DIGIT BCD HIGH - SPEED MULTIPLYING D / A CONVERTER ( UNIVERSAL DIGITAL LOGIC INTERFACE )
logo
NXP Semiconductors
DAC-08 PHILIPS-DAC-08 Datasheet
162Kb / 16P
   8-bit high-speed multiplying D/A converter
2001 Aug 03
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
logo
Analog Devices
DAC08 AD-DAC08_16 Datasheet
359Kb / 21P
   8-Bit, High Speed, Multiplying D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com