Electronic Components Datasheet Search |
|
T495U107M050ANE0457280 Datasheet(PDF) 10 Page - Kemet Corporation |
|
T495U107M050ANE0457280 Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 28 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com T2009_T495 • 5/3/2017 10 10 Tantalum Surface Mount Capacitors – Low ESR T495 Series Surge Robust MnO 2 Table 1 – Ratings & Part Number Reference cont'd (1) To complete KEMET part number, insert M for ±20% or K for ±10%. Designates capacitance tolerance. (2) To complete KEMET part number, insert T = 100% Matte Tin (Sn) Plated, G = Gold Plated, H = Standard Solder coated (SnPb 5% Pb minimum), N = Non-Magnetic 100% Tin (Sn) or M = Non-Magnetic (SnPb). Designates termination finish. Refer to Ordering Information for additional detail. Higher voltage ratings and tighter tolerance product including ESR may be substituted within the same size at KEMET's option. Voltage substitution will be marked with the higher voltage rating. Substitutions can include better than series. Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL VDC at 85°C µF KEMET/EIA (See below for part options) µA +20°C Max/5 Min % at +20°C 120 Hz Max mΩ at 20°C 100 kHz Max mA at +25°C 100 kHz mA at +85°C 100 kHz mA at +125°C 100 kHz °C Reflow Temp ≤ 260°C 10 68 X/7343-43 T495X686(1)010A(2)E150 6.8 4.0 150 1049 944 420 125 1 10 100 B/3528-21 T495B107(M)010A(2)E350 10.0 12.0 350 493 444 197 125 1 10 100 B/3528-21 T495B107(M)010A(2)E500 10.0 30.0 500 412 371 165 125 1 10 100 B/3528-21 T495B107(M)010A(2)E700 10.0 30.0 700 348 313 139 125 1 10 100 C/6032-28 T495C107(1)010A(2)E100 10.0 8.0 100 1050 945 420 125 1 10 100 C/6032-28 T495C107(1)010A(2)E150 10.0 8.0 150 856 812 542 125 1 10 100 C/6032-28 T495C107(1)010A(2)E180 10.0 8.0 180 782 704 313 125 1 10 100 C/6032-28 T495C107(1)010A(2)E200 10.0 8.0 200 742 668 297 125 1 10 100 C/6032-28 T495C107(1)010A(2)E250 10.0 8.0 250 663 597 265 125 1 10 100 U/6032-15 T495U107(1)010A(2)E150 10.0 8.0 150 775 698 310 125 1 10 100 W/7343-15 T495W107(1)010A(2)E200 10.0 8.0 200 949 854 380 125 1 10 100 V/7343-20 T495V107(1)010A(2)E100 10.0 8.0 100 1118 1006 447 125 1 10 100 V/7343-20 T495V107(1)010A(2)E150 10.0 8.0 150 913 822 365 125 1 10 100 V/7343-20 T495V107(1)010A(2)E200 10.0 8.0 200 791 712 316 125 1 10 100 D/7343-31 T495D107(1)010A(2)E050 10.0 8.0 50 1732 1559 693 125 1 10 100 D/7343-31 T495D107(1)010A(2)E065 10.0 8.0 65 1519 1367 608 125 1 10 100 D/7343-31 T495D107(1)010A(2)E080 10.0 8.0 80 1369 1232 548 125 1 10 100 D/7343-31 T495D107(1)010A(2)E100 10.0 8.0 100 1225 1103 490 125 1 10 100 D/7343-31 T495D107(1)010A(2)E120 10.0 8.0 120 1118 1006 447 125 1 10 100 D/7343-31 T495D107(1)010A(2)E125 10.0 8.0 125 1095 986 438 125 1 10 100 X/7343-43 T495X107(1)010A(2)E100 10.0 6.0 100 1285 1157 514 125 1 10 150 C/6032-28 T495C157(1)010A(2)E200 15.0 10.0 200 742 668 297 125 1 10 150 V/7343-20 T495V157(1)010A(2)E100 15.0 8.0 100 1118 1006 447 125 1 10 150 V/7343-20 T495V157(1)010A(2)E150 15.0 8.0 150 913 822 365 125 1 10 150 V/7343-20 T495V157(1)010A(2)E200 15.0 8.0 200 791 712 316 125 1 10 150 D/7343-31 T495D157(1)010A(2)E050 15.0 8.0 50 1732 1559 693 125 1 10 150 D/7343-31 T495D157(1)010A(2)E060 15.0 8.0 60 1581 1423 632 125 1 10 150 D/7343-31 T495D157(1)010A(2)E080 15.0 8.0 80 1369 1232 548 125 1 10 150 D/7343-31 T495D157(1)010A(2)E100 15.0 8.0 100 1225 1103 490 125 1 10 150 X/7343-43 T495X157(1)010A(2)E070 15.0 8.0 70 1535 1382 614 125 1 10 150 X/7343-43 T495X157(1)010A(2)E080 15.0 8.0 80 1436 1292 574 125 1 10 150 X/7343-43 T495X157(1)010A(2)E085 15.0 8.0 85 1393 1254 557 125 1 10 150 X/7343-43 T495X157(1)010A(2)E100 15.0 8.0 100 1285 1157 514 125 1 10 220 D/7343-31 T495D227(1)010A(2)E045 22.0 8.0 45 1826 1643 730 125 1 10 220 D/7343-31 T495D227(1)010A(2)E050 22.0 9.0 50 1732 1559 693 125 1 10 220 D/7343-31 T495D227(1)010A(2)E075 22.0 8.0 75 1414 1273 566 125 1 10 220 D/7343-31 T495D227(1)010A(2)E100 22.0 8.0 100 1225 1103 490 125 1 10 220 D/7343-31 T495D227(1)010A(2)E125 22.0 8.0 125 1095 986 438 125 1 10 220 V/7343-20 T495V227(1)010A(2)E150 22.0 10.0 150 913 822 365 125 1 10 220 V/7343-20 T495V227(1)010A(2)E200 22.0 10.0 200 791 712 316 125 1 10 220 X/7343-43 T495X227(1)010A(2)E045 22.0 8.0 45 1915 1724 766 125 1 10 220 X/7343-43 T495X227(1)010A(2)E050 22.0 8.0 50 1817 1635 727 125 1 10 220 X/7343-43 T495X227(1)010A(2)E060 22.0 8.0 60 1658 1492 663 125 1 10 220 X/7343-43 T495X227(1)010A(2)E070 22.0 8.0 70 1535 1382 614 125 1 10 220 X/7343-43 T495X227(1)010A(2)E080 22.0 8.0 80 1436 1292 574 125 1 VDC at 85ºC µF KEMET/EIA (See below for part options) µA +20ºC Max/5 Min % at +20ºC 120 Hz Max mΩ at 20ºC 100 kHz Max mA at +25ºC 100 kHz mA at +85ºC 100 kHz mA at +125ºC 100 kHz ºC Reflow Temp ≤ 260ºC Rated Voltage Rated Cap Case Code/ Case Size KEMET Part Number DC Leakage DF ESR Maximum Allowable Ripple Current Maximum Operating Temp MSL |
Similar Part No. - T495U107M050ANE0457280 |
|
Similar Description - T495U107M050ANE0457280 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |