Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACNT-H50L Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # ACNT-H50L
Description  1-MBd Optocoupler in 15-mm Stretched SO8 Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACNT-H50L Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button ACNT-H50L Datasheet HTML 3Page - Broadcom Corporation. ACNT-H50L Datasheet HTML 4Page - Broadcom Corporation. ACNT-H50L Datasheet HTML 5Page - Broadcom Corporation. ACNT-H50L Datasheet HTML 6Page - Broadcom Corporation. ACNT-H50L Datasheet HTML 7Page - Broadcom Corporation. ACNT-H50L Datasheet HTML 8Page - Broadcom Corporation. ACNT-H50L Datasheet HTML 9Page - Broadcom Corporation. ACNT-H50L Datasheet HTML 10Page - Broadcom Corporation. ACNT-H50L Datasheet HTML 11Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
For product information and a complete list of distributors, please go to our web site:
www.broadcom.com.
Broadcom, the pulse logo, Connecting everything, Avago Technologies, Avago, and
the A logo are among the trademarks of Broadcom and/or its affiliates in the United
States, certain other countries and/or the EU.
Copyright © 2016 by Broadcom. All Rights Reserved.
The term "Broadcom" refers to Broadcom Limited and/or its subsidiaries. For more
information, please visit www.broadcom.com.
Broadcom reserves the right to make changes without further notice to any
products or data herein to improve reliability, function, or design.
Information furnished by Broadcom is believed to be accurate and reliable. However,
Broadcom does not assume any liability arising out of the application or use of this
information, nor the application or use of any product or circuit described herein,
neither does it convey any license under its patent rights nor the rights of others.
pub-005239 – October 7, 2016


Similar Part No. - ACNT-H50L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H511 BOARDCOM-ACNT-H511 Datasheet
967Kb / 10P
   Open-Collector Output Optocoupler in 15-mm Stretched SO8 Package
More results

Similar Description - ACNT-H50L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H511 BOARDCOM-ACNT-H511 Datasheet
967Kb / 10P
   Open-Collector Output Optocoupler in 15-mm Stretched SO8 Package
ACNT-H313 BOARDCOM-ACNT-H313 Datasheet
1Mb / 16P
   2.5 A Output Current IGBT Gate Drive Optocoupler in 15 mm Stretched SO8 Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-K44T AVAGO-ACPL-K44T Datasheet
59Kb / 2P
   Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
logo
Broadcom Corporation.
ACPL-K44T BOARDCOM-ACPL-K44T Datasheet
59Kb / 2P
   Automotive Wide Operating Temperature 1 MBd Digital Optocoupler in a Stretched 8-Pin Surface Mount Plastic Package
ACNT-H79A BOARDCOM-ACNT-H79A Datasheet
979Kb / 15P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
ACNT-H79B BOARDCOM-ACNT-H79B Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-H312 AVAGO-ACPL-H312 Datasheet
212Kb / 17P
   2.5 Amp Output Current IGBT Gate Driver Optocoupler with Low ICC UVLO in Stretched SO8
logo
Broadcom Corporation.
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com