Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACNT-H79A Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # ACNT-H79A
Description  Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACNT-H79A Datasheet(HTML) 4 Page - Broadcom Corporation.

  ACNT-H79A Datasheet HTML 1Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 2Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 3Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 4Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 5Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 6Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 7Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 8Page - Broadcom Corporation. ACNT-H79A Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Broadcom
- 4 -
ACNT-H79A, ACNT-H790
Data Sheet
Table 3. Insulation and Safety Related Specifications
Table 3. Insulation and Safety Related Specifications
Table 4. IEC/EN/DIN EN 60747-5-5 Insulation Characteristics (See Note)
NOTE
Insulation characteristics are guaranteed only within the safety maximum ratings, which must be ensured by
protective circuits within the application.
Parameter
Symbol
Value
Units
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
14.2
mm
Measured from input terminals to output terminals, shortest
distance through air
Minimum External Tracking
(External Creepage)
L(102)
15
mm
Measured from input terminals to output terminals, shortest
distance path along body
Minimum Internal Plastic Gap
(Internal Clearance)
0.5
mm
Through insulation distance, conductor to conductor, usually
the direct distance between the photoemitter and
photodetector inside the optocoupler cavity
Tracking Resistance
(Comparative Tracking Index)
CTI
>300
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Description
Symbol
Value
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 Vrms
for rated mains voltage ≤ 300 Vrms
for rated mains voltage ≤ 450 Vrms
for rated mains voltage ≤ 600 Vrms
for rated mains voltage ≤ 1000 Vrms
I-IV
I-IV
I-IV
I-IV
I-IV
Climatic Classification
55/105/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
2262
Vpeak
Input to Output Test Voltage, Method b
VIORM × 1.875 = VPR, 100% Production Test with tm = 1 sec, Partial Discharge < 5 pC
VPR
4242
Vpeak
Input to Output Test Voltage, Method a
VIORM × 1.6 = VPR, Type and Sample Test, tm = 10 sec, Partial Discharge < 5 pC
VPR
3619
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage, tini = 60 sec)
VIOTM
12000
Vpeak
Safety-limiting values (Maximum values allowed in the event of a failure)
Case Temperature
Input Current
Output Power
TS
IS,INPUT
PS,OUTPUT
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109


Similar Part No. - ACNT-H79A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H79A BOARDCOM-ACNT-H79A Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
More results

Similar Description - ACNT-H79A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H79B BOARDCOM-ACNT-H79B Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P480 AVAGO-ACPL-P480 Datasheet
403Kb / 10P
   Available in Stretched SO-6 package
logo
Broadcom Corporation.
ACNT-H50L BOARDCOM-ACNT-H50L Datasheet
644Kb / 11P
   1-MBd Optocoupler in 15-mm Stretched SO8 Package
ACNT-H511 BOARDCOM-ACNT-H511 Datasheet
967Kb / 10P
   Open-Collector Output Optocoupler in 15-mm Stretched SO8 Package
logo
Texas Instruments
AMC1400 TI-AMC1400 Datasheet
1Mb / 38P
[Old version datasheet]   AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1400-Q1 TI-AMC1400-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com