Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACNT-H790 Datasheet(PDF) 11 Page - Broadcom Corporation.

Part # ACNT-H790
Description  Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACNT-H790 Datasheet(HTML) 11 Page - Broadcom Corporation.

Back Button ACNT-H790 Datasheet HTML 7Page - Broadcom Corporation. ACNT-H790 Datasheet HTML 8Page - Broadcom Corporation. ACNT-H790 Datasheet HTML 9Page - Broadcom Corporation. ACNT-H790 Datasheet HTML 10Page - Broadcom Corporation. ACNT-H790 Datasheet HTML 11Page - Broadcom Corporation. ACNT-H790 Datasheet HTML 12Page - Broadcom Corporation. ACNT-H790 Datasheet HTML 13Page - Broadcom Corporation. ACNT-H790 Datasheet HTML 14Page - Broadcom Corporation. ACNT-H790 Datasheet HTML 15Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Broadcom
- 11 -
ACNT-H79A, ACNT-H790
Data Sheet
Definitions
Definitions
Gain
Gain is defined as the slope of the best-fit line of differential
output voltage (VOUT+ – VOUT–) vs. differential input voltage
(VIN+ – VIN–) over the nominal input range, with offset error
adjusted out.
Nonlinearity
Nonlinearity is defined as half of the peak-to-peak output
deviation from the best-fit gain line, expressed as a percentage
of the full-scale differential output voltage.
Input DC Common Mode Rejection Ratio, CMRRIN
CMRRIN is defined as the ratio of the differential signal gain
(signal applied differentially between pins VOUT+ and VOUT–) to
the input side common-mode gain (input pins tied together
and the signal applied to both inputs with respect to pin
GND1), expressed in dB.
Common Mode Transient Immunity, CMTI, also
known as Common Mode Rejection
CMTI is tested by applying an exponentially rising/falling
voltage step on pin 4 (GND1) with respect to pin 5 (GND2). The
amplitude of the step is adjusted until the differential output
(VOUT+ – VOUT-) exhibits more than a 200 mV deviation from the
average output voltage for more than 1μs. The
ACNT-H79A/H790 will continue to function if more than
15 kV/μs common mode slopes are applied, as long as the
breakdown voltage limitations are observed.
Power Supply Rejection, PSR
PSR is the ratio of differential amplitude of the ripple outputs
over power supply ripple voltage, referred to the input,
expressed in dB.
Application Information
Application Circuit
The typical application circuit is shown in Figure 21. A floating
power supply (which in many applications could be the same
supply that is used to drive the high-side power transistor) is
regulated to 5 V using a simple three-terminal voltage
regulator (U1). The voltage from the current sensing resistor, or
shunt (RSENSE), is applied to the input of the ACNT-H79A/H790
through an RC anti-aliasing filter (R5 and C3). And finally, the
differential output of the isolation amplifier is converted to a
ground-referenced single-ended output voltage with a simple
differential amplifier circuit (U3 and associated components).
Although the application circuit is relatively simple, a few
recommendations should be followed to ensure optimal
performance.


Similar Part No. - ACNT-H790

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H790 BOARDCOM-ACNT-H790 Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
More results

Similar Description - ACNT-H790

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACNT-H79B BOARDCOM-ACNT-H79B Datasheet
979Kb / 16P
   Optical Isolation Amplifier in 15 mm Stretched SO-8 Package
ACNT-H87B BOARDCOM-ACNT-H87B Datasheet
1Mb / 15P
   Precision Optically Isolated Voltage Sensor in a 15-mm Stretched SO-8 Package
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P480 AVAGO-ACPL-P480 Datasheet
403Kb / 10P
   Available in Stretched SO-6 package
logo
Broadcom Corporation.
ACNT-H50L BOARDCOM-ACNT-H50L Datasheet
644Kb / 11P
   1-MBd Optocoupler in 15-mm Stretched SO8 Package
ACNT-H511 BOARDCOM-ACNT-H511 Datasheet
967Kb / 10P
   Open-Collector Output Optocoupler in 15-mm Stretched SO8 Package
logo
Texas Instruments
AMC1400 TI-AMC1400 Datasheet
1Mb / 38P
[Old version datasheet]   AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1411 TI-AMC1411_V01 Datasheet
1Mb / 34P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
REVISED SEPTEMBER 2021
AMC1411 TI-AMC1411 Datasheet
1Mb / 24P
[Old version datasheet]   AMC1411 High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
AMC1400-Q1 TI-AMC1400-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1411-Q1 TI-AMC1411-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   AMC1411-Q1 Automotive, High-Impedance, 2-V Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
OCTOBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com