Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T523X157M006APE0507280 Datasheet(PDF) 11 Page - Kemet Corporation

Part # T523X157M006APE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T523X157M006APE0507280 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button T523X157M006APE0507280 Datasheet HTML 7Page - Kemet Corporation T523X157M006APE0507280 Datasheet HTML 8Page - Kemet Corporation T523X157M006APE0507280 Datasheet HTML 9Page - Kemet Corporation T523X157M006APE0507280 Datasheet HTML 10Page - Kemet Corporation T523X157M006APE0507280 Datasheet HTML 11Page - Kemet Corporation T523X157M006APE0507280 Datasheet HTML 12Page - Kemet Corporation T523X157M006APE0507280 Datasheet HTML 13Page - Kemet Corporation T523X157M006APE0507280 Datasheet HTML 14Page - Kemet Corporation T523X157M006APE0507280 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016 11
11
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Soldering Process
KEMET’s families of surface mount capacitors are
compatible with wave (single or dual), convection, IR,
or vapor phase reflow techniques. Preheating of these
components is recommended to avoid extreme thermal
stress. KEMET's recommended profile conditions for
convection and IR reflow reflect the profile conditions of the
IPC/J–STD–020D standard for moisture sensitivity testing.
The devices can safely withstand a maximum of three reflow
passes at these conditions.
Please note that although the X/7343–43 and O/7360-43
case size can withstand wave soldering, the tall profile
(4.3 mm maximum) dictates care in wave process
development.
Hand soldering should be performed with care due to the
difficulty in process control. If performed, care should be
taken to avoid contact of the soldering iron to the molded
case. The iron should be used to heat the solder pad,
applying solder between the pad and the termination, until
reflow occurs. Once reflow occurs, the iron should be
removed immediately. “Wiping” the edges of a chip and
heating the top surface is not recommended.
Profile Feature
Pb-Free Assembly
Preheat/Soak
Temperature Minimum (T
Smin)
150°C
Temperature Maximum (T
Smax)
200°C
Time (t
s) from Tsmin to Tsmax)
60 – 120 seconds
Ramp-up Rate (T
L to TP)
3°C/seconds maximum
Liquidous Temperature (T
L)
217°C
Time Above Liquidous (t
L)
60 – 150 seconds
Peak Temperature (T
P)
250°C*
260°C**
Time within 5°C of Maximum
Peak Temperature (t
P)
30 seconds maximum
Ramp-down Rate (T
P to TL)
6°C/seconds maximum
Time 25°C to Peak Temperature
8 minutes maximum
Note: All temperatures refer to the center of the package, measured on the
package body surface that is facing up during assembly reflow.
*Case Size O, Y, and X
**Case Size B, H, J, M, T, V, and W
Storage
All KO-Cap Series are shipped in moisture barrier bags (MBBs) with desiccant and humidity indicator card (HIC). These
parts are classified as MSL3 (Moisture Sensitivity Level 3) or MSL4 (Moisture Sensitivity Level 4) per IPC/JEDEC J-STD-020
and packaged per IPC/JEDEC J–STD–033. Refer to Table 1 for part type specification. MSL3 specifies a floor time of 168H
at 30°C maximum temperature and 60% relative humidity. MSL4 specifies a floor time of 72H at 30°C maximum temperature
and 60% relative humidity. Unused capacitors should be sealed in a MBB with fresh desiccant.
Calculated shelf life in sealed bag:
– 12 months from bag seal date in a storage environment of < 40ºC and humidity < 90% RH
– 24 months from bag seal date in a storage environment of < 30ºC and humidity < 70% RH
If baking is required, refer to IPC/JEDEC J–STD–033 for bake procedure
Time
T
smin
25
T
smax
T
L
T
P
Maximum Ramp Up Rate = 3ºC/sec
Maximum Ramp Down Rate = 6ºC/sec
t
P
t
L
t
s
25ºC to Peak


Similar Part No. - T523X157M006APE0507280

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
T523-019.44M CONNOR-WINFIELD-T523-019.44M Datasheet
203Kb / 4P
   Telecom Performance TCXO / VCTCXO
logo
E-SWITCH
T523000 E-SWITCH-T523000 Datasheet
220Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T523001 E-SWITCH-T523001 Datasheet
163Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T523002 E-SWITCH-T523002 Datasheet
227Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T523003 E-SWITCH-T523003 Datasheet
116Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T523X157M006APE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com