Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-31JT Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # ACPL-31JT
Description  Qualified to AEC-Q100 Grade 1 test guidelines
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-31JT Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button ACPL-31JT Datasheet HTML 4Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 5Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 6Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 7Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 8Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 9Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 10Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 11Page - Broadcom Corporation. ACPL-31JT Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Broadcom
- 8 -
ACPL-31JT
Data Sheet
Gate Driver
High Level Output Current
IOH
–2.0
-0.75
A
VO = VCC2 – 3V
7
a
Low Level Output Current
IOL
1.0
2.2
A
VO = VEE2 + 2.5V
8
a
High Level Output Voltage
VOH
VCC2
0.5
VCC2
0.2
—V
IO = –100 mA
b, c, d
Low Level Output Voltage
VOL
—0.1
0.5
V
IO = 100 mA
VIN to High Level Output Propagation
Delay Time
tPLH
50
110
250
ns
Vsource = 3.3V, Rf = 140
,
Rg = 10
, Cload = 1 nF,
f = 200 kHz,
Duty Cycle = 50%
9, 12
e
VIN to Low Level Output Propagation
Delay Time
tPHL
50
150
250
ns
f
Pulse Width Distortion (tPHL – tPLH)
PWD
–15
100
ns
g,h
Dead Time Distortion (tPLH – tPHL)
DTD
–100
15
ns
h,i
10% to 90% Rise Time
tR
—60—
ns
90% to 10% Fall Time
tF
—50—
ns
Output High Level Common Mode
Transient Immunity
|CMH|50
>70
kV/μs
TA = 25°C, VCM = 1500V,
VCC2 =20V
13
j
Output Low Level Common Mode
Transient Immunity
|CML|50
>70
kV/μs
TA = 25°C, VCM = 1500V,
VCC2 = 20V
14
k
Active Miller Clamp
Clamp Threshold Voltage
VTH_CLAMP
—2.0
3.0
V
Clamp Low Level Sinking Current
ICLAMP
0.75
1.9
A
VCLAMP = VEE2 +2.5V
VCC2 UVLO Protection (UVLO Voltage VUVLO Reference to VE)
VCC2 UVLO Threshold Low to High
VUVLO+
8.8
10
11.2
V
VO > 5V
d, l
VCC2 UVLO Threshold High to Low
VUVLO–
7.8
9
10.2
V
VO < 5V
d, m
VCC2 UVLO Hysteresis
VUVLO_HYS
—1
V
VCC2 to UVLO High Delay
tPLH_UVLO
—10—
μs
n
VCC2 to UVLO Low Delay
tPHL_UVLO
—10—
μs
o
VCC2 UVLO to VOUT High Delay
tUVLO_ON
—10—
μs
p
VCC2 UVLO to VOUT Low Delay
tUVLO_OFF
—10—
μs
q
Table 1 Electrical and Switching Specifications (Continued)
Parameter
Symbol
Min.
Typ.*
Max.
Units
Test Conditions
Figure
Note


Similar Part No. - ACPL-31JT

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-31JT AVAGO-ACPL-31JT Datasheet
510Kb / 20P
   Miller Clamp Sinking Current
More results

Similar Description - ACPL-31JT

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-K71T BOARDCOM-ACPL-K71T Datasheet
870Kb / 16P
   Qualified to AEC-Q100 Grade 1 Test Guidelines
ACFL-6211T BOARDCOM-ACFL-6211T Datasheet
477Kb / 13P
   Qualified to AEC Q100 Grade 1 Test Guidelines
logo
AVAGO TECHNOLOGIES LIMI...
ACFL-5211T AVAGO-ACFL-5211T Datasheet
312Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
ACFL-5212T AVAGO-ACFL-5212T Datasheet
343Kb / 12P
   Qualified to AEC Q100 Grade 1 Guidelines
logo
Broadcom Corporation.
ACPL-M49T BOARDCOM-ACPL-M49T Datasheet
533Kb / 12P
   Qualified to Automotive AEC-Q100 Test Guidelines
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
logo
Murata Manufacturing Co...
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100
Last updated06/13/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com