Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-W61L Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # ACPL-W61L
Description  Low-Power 10-MBd Digital CMOS Optocouplers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-W61L Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button ACPL-W61L Datasheet HTML 2Page - Broadcom Corporation. ACPL-W61L Datasheet HTML 3Page - Broadcom Corporation. ACPL-W61L Datasheet HTML 4Page - Broadcom Corporation. ACPL-W61L Datasheet HTML 5Page - Broadcom Corporation. ACPL-W61L Datasheet HTML 6Page - Broadcom Corporation. ACPL-W61L Datasheet HTML 7Page - Broadcom Corporation. ACPL-W61L Datasheet HTML 8Page - Broadcom Corporation. ACPL-W61L Datasheet HTML 9Page - Broadcom Corporation. ACPL-W61L Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Broadcom
- 6 -
ACPL-064L, ACPL-M61L, ACPL-W61L, ACPL-K64L
Data Sheet
IEC/EN/DIN EN 60747-5-5 Insulation Characteristicsa (Option 060)
NOTE
These optocouplers are suitable for safe electrical isolation only within the safety limit data. Maintenance of the
safety data shall be ensured by means of protective circuits.
Description
Symbol
Characteristic
Unit
ACPL-064L/
ACPL-M61L
ACPL-W61L/
ACPL-K64L
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150Vrms
for rated mains voltage ≤ 300Vrms
for rated mains voltage ≤ 600Vrms
for rated mains voltage ≤ 1000Vrms
I – IV
I – IV
I – III
I – IV
I – IV
I – IV
I – III
Climatic Classification
55/105/21
55/105/21
Pollution Degree (DIN VDE 0110/39)
2
2
Maximum Working Insulation Voltage
VIORM
567
1140
Vpeak
Input to Output Test Voltage, Method ba
VIORM x 1.875 = VPR, 100% Production Test with tm = 1 sec,
Partial discharge < 5 pC
a.
Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section, (IEC/EN/DIN EN
60747-5-5) for a detailed description of Method a and Method b partial discharge test profiles.
VPR
1063
2137
Vpeak
Input to Output Test Voltage, Method aa
VIORM x 1.6 = VPR, Type and Sample Test, tm = 10 sec,
Partial discharge < 5 pC
VPR
907
1824
Vpeak
Highest Allowable Overvoltage (Transient Overvoltage tini = 60 sec)
VIOTM
6000
8000
Vpeak
Safety-Limiting Values – maximum values allowed in the event of a failure
Case Temperature
Input Currentb
Output Powerb
b.
Refer to the following figures for dependence of PS and IS on ambient temperature:
TS
IS, INPUT
PS, OUTPUT
150
150
600
175
230
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500V
RS
>109
>109
Ω
0
TS – CASE TEMPERATURE (°C)
400
600
200
100
300
500
700
PS (mW)
IS (mA)
Surface Mount SO-8 Product
0
200
400
600
800
1000
0
25
50
75
100
125
150
175
TS – CASE TEMPERATURE (°C)
PS (mW)
IS (mA)
Surface Mount SSO-6/SSO-8 Product
0
25
50
75
100
125
150
175 200


Similar Part No. - ACPL-W61L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W61L AVAGO-ACPL-W61L Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACPL-W61L AVAGO-ACPL-W61L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-W61L-000E AVAGO-ACPL-W61L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-W61L-060E AVAGO-ACPL-W61L-060E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-W61L-500E AVAGO-ACPL-W61L-500E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
More results

Similar Description - ACPL-W61L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61L-500E AVAGO-ACPL-M61L-500E Datasheet
821Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-061L AVAGO-ACPL-061L Datasheet
312Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L-560E AVAGO-ACPL-064L-560E Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-M61L-000E AVAGO-ACPL-M61L-000E Datasheet
754Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers
ACPL-064L AVAGO-ACPL-064L Datasheet
820Kb / 16P
   Ultra Low Power 10 MBd Digital CMOS Optocouplers Low input current: 1.6 mA
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com