Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV592 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DRV592
Description  - 3-A HIGH EFFICIENCY H-BRIDGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV592 Datasheet(HTML) 4 Page - Texas Instruments

  DRV592 Datasheet HTML 1Page - Texas Instruments DRV592 Datasheet HTML 2Page - Texas Instruments DRV592 Datasheet HTML 3Page - Texas Instruments DRV592 Datasheet HTML 4Page - Texas Instruments DRV592 Datasheet HTML 5Page - Texas Instruments DRV592 Datasheet HTML 6Page - Texas Instruments DRV592 Datasheet HTML 7Page - Texas Instruments DRV592 Datasheet HTML 8Page - Texas Instruments DRV592 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DRV592
SLOS390A – NOVEMBER 2001– REVISED MAY 2002
www.ti.com
4
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
2
Analog ground
AVDD
1
I
Analog power supply
FAULT0
5
O
Fault flag 0, low when active open drain output (see application information)
FAULT1
4
O
Fault flag 1, low when active open drain output (see application information)
HI-Z
3
I
Places both outputs of the H-bridge into a high-impedance state (2 k
Ω to ground) when a TTL logic low is
applied to this terminal; normal operation when a TTL logic high is applied.
IN–
7
I
Negative H-bridge input
IN+
6
I
Positive H-bridge input
OUT–
13–17
O
Negative H-bridge output (5 terminals)
OUT+
24–28
O
Positive H-bridge output (5 terminals)
PGND
18–23
High-current ground (6 terminals)
PVDD
9–12,
29–32
I
High-current power supply (8 terminals)
SHUTDOWN
8
I
Places the amplifier in shutdown mode when a TTL logic low is applied to this terminal; places the amplifier in
normal operation when a TTL logic high is applied
FUNCTIONAL BLOCK DIAGRAM
Gate
Drive
Gate
Drive
AVDD
OC
Detect
Start-Up
Protection
Logic
Thermal
VDDok
Biases
and
References
TTL
Input
Buffer
IN–
IN+
AGND
AVDD
PVDD
OUT+
PGND
PVDD
OUT–
PGND
FAULT0
FAULT1
SHUTDOWN
HI-Z
IN–
IN+
SDZ


Similar Part No. - DRV592

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV592VFP TI1-DRV592VFP Datasheet
392Kb / 16P
[Old version datasheet]   - 3-A HIGH EFFICIENCY H-BRIDGE
DRV592VFPG4 TI1-DRV592VFPG4 Datasheet
392Kb / 16P
[Old version datasheet]   - 3-A HIGH EFFICIENCY H-BRIDGE
DRV592 TI1-DRV592_12 Datasheet
392Kb / 16P
[Old version datasheet]   - 3-A HIGH EFFICIENCY H-BRIDGE
More results

Similar Description - DRV592

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV592 TI1-DRV592_12 Datasheet
392Kb / 16P
[Old version datasheet]   - 3-A HIGH EFFICIENCY H-BRIDGE
logo
Motorola, Inc
MC33886 MOTOROLA-MC33886 Datasheet
637Kb / 20P
   5.0 A H BRIDGE
logo
Freescale Semiconductor...
33886 FREESCALE-33886 Datasheet
570Kb / 25P
   5.0 A H-Bridge
33886 FREESCALE-33886_07 Datasheet
575Kb / 25P
   5.0 A H-Bridge
MC33886PVWR2 FREESCALE-MC33886PVWR2 Datasheet
705Kb / 27P
   5.0 A H-Bridge
MC34932 FREESCALE-MC34932 Datasheet
872Kb / 24P
   Dual 5.0 A H-Bridge
logo
Texas Instruments
DRV591 TI-DRV591 Datasheet
141Kb / 16P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
[Old version datasheet]   3-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
Zowie Technology Corpor...
Z4EGP20MH ZOWIE-Z4EGP20MH Datasheet
54Kb / 2P
   High Efficiency Bridge Rectifier
logo
Freescale Semiconductor...
MC33926 FREESCALE-MC33926 Datasheet
778Kb / 25P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com