Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-M50L Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # ACPL-M50L
Description  Low Power, 1 MBd Digital Optocoupler
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-M50L Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button ACPL-M50L Datasheet HTML 5Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 6Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 7Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 8Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 9Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 10Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 11Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 12Page - Broadcom Corporation. ACPL-M50L Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Broadcom
- 9 -
ACPL-M50L, ACPL-054L, ACPL-W50L, ACPL-K54L
Data Sheet
Table 5 Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Storage Temperature
TS
–55
125
°C
Operating Temperature
TA
–40
105
°C
Lead Soldering Cycle
Temperature
260
°C
Time
10
s
Average Forward Input Currenta
a.
Derate linearly above 85°C free-air temperature at a rate of 0.5 mA/°C.
IF(avg)
—20
mA
Peak Forward Input Currentb (50% duty cycle, 1 ms pulse width)
b.
Derate linearly above 85°C free-air temperature at a rate of 1.0 mA/°C.
IF(peak)
—40
mA
Peak Transient Input Current (≤1 μs pulse width, 300 ps)
IF(trans)
—1
A
Reversed Input Voltage
VR
—5
V
Input Power Dissipationc
c.
Derate linearly above 85°C free-air temperature at a rate of 0.9 mW/°C.
PIN
—36
mW
Output Power Dissipationd
d.
Derate linearly above 85°C free-air temperature at a rate of 1.2 mW/°C.
PO
—45
nW
Average Output Current
IO(AVG)
8
mA
Peak Output Current
IO(PEAK)
16
mA
Supply Voltage
VCC
–0.5
30
V
Output Voltage
VO
–0.5
24
V
Solder Reflow Temperature Profile
See Package Outline Drawings
Table 6 Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Supply Voltage
VCC
2.7
24
V
Input Current, High Level
IFH
310
mA
Operating Temperature
TA
–40
105
°C
Forward Input Voltage (OFF)
VF (OFF)
—0.8
V


Similar Part No. - ACPL-M50L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-M50L BOARDCOM-ACPL-M50L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M50L-000E AVAGO-ACPL-M50L-000E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-M50L-060E AVAGO-ACPL-M50L-060E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-M50L-500E AVAGO-ACPL-M50L-500E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
ACPL-M50L-560E AVAGO-ACPL-M50L-560E Datasheet
165Kb / 16P
   Low Power, 1MBd Digital Optocoupler
More results

Similar Description - ACPL-M50L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-054L BOARDCOM-ACPL-054L Datasheet
835Kb / 18P
   Low Power, 1 MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L-500E AVAGO-ACPL-M21L-500E Datasheet
309Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M21L BOARDCOM-ACPL-M21L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
ACPL-021L BOARDCOM-ACPL-021L Datasheet
721Kb / 16P
   Low Power, 5-MBd Digital CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M21L AVAGO-ACPL-M21L Datasheet
123Kb / 11P
   Low Power, 5 MBd Digital CMOS Optocoupler
ACNW261L-500E AVAGO-ACNW261L-500E Datasheet
607Kb / 17P
   Ultra Low Power 10 MBd Digital CMOS Optocoupler
logo
Broadcom Corporation.
ACPL-M61M BOARDCOM-ACPL-M61M Datasheet
685Kb / 12P
   2.5V/3.3V Low-Power 10 MBd Digital Optocoupler
February 19, 2019
ACNV2601 BOARDCOM-ACNV2601 Datasheet
1Mb / 13P
   High Insulation Voltage 10-MBd Digital Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
ACNV2601-300E AVAGO-ACNV2601-300E Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
ACNV2601 AVAGO-ACNV2601 Datasheet
374Kb / 11P
   High Insulation Voltage 10 MBd Digital Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com