Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T521B157M016APE0507280 Datasheet(PDF) 5 Page - Kemet Corporation

Part # T521B157M016APE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521B157M016APE0507280 Datasheet(HTML) 5 Page - Kemet Corporation

  T521B157M016APE0507280 Datasheet HTML 1Page - Kemet Corporation T521B157M016APE0507280 Datasheet HTML 2Page - Kemet Corporation T521B157M016APE0507280 Datasheet HTML 3Page - Kemet Corporation T521B157M016APE0507280 Datasheet HTML 4Page - Kemet Corporation T521B157M016APE0507280 Datasheet HTML 5Page - Kemet Corporation T521B157M016APE0507280 Datasheet HTML 6Page - Kemet Corporation T521B157M016APE0507280 Datasheet HTML 7Page - Kemet Corporation T521B157M016APE0507280 Datasheet HTML 8Page - Kemet Corporation T521B157M016APE0507280 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016
55
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Table 1 – Ratings & Part Number Reference
• Bold text denotes "Under Development." Engineeiring samples available upon request.
• Refer to Ordering Information for additional detail.
• Energy = ½ * Nominal Cap * (Application Voltage^2 * Dropout Voltage^2)/1000; a 3 V dropout voltage was used for the calculation.
Rated
Voltage/
Application
Voltage
CaseSize/
CaseHeight
KEMET
Part
Number
Energy
(½CVa²)–
(½CVd²)
Nominal
Capacitance
Maximum
DFat25°C,
120Hz
Maximum
ESRat
25°C,
100kHz
Maximum
DC
Leakageat
25°C,Vr,5
mincharge
time
Maximum
Allowable
RippleCurrent
at45°C,100
kHz
MSL
Maximum
Operating
Temperature
VDC
EIA/mm
mJ
µF
%
µA
mA
°C
6.3/5.7
3528/1.2
T520T107M006ATE070
1.2
100
10
70
63.0
1230
3
105
6.3/5.7
3528/1.2
T520T157M006ATE070
1.7
150
10
70
94.5
1230
3
105
16/12.8
3528/1.2
T521T336M016ATE070
2.6
33
10
70
52.8
1230
3
105
6.3/5.7
3528/1.5
T520M157M006ATE070
1.7
150
10
70
94.5
1310
3
105
6.3/5.7
7343/1.5
T545W477M006ATE035
5.4
470
10
35
296.1
2270
3
105
6.3/5.7
7343/1.5
T545W477M006ATE045
5.4
470
10
45
296.1
2000
3
105
6.3/5.7
7343/1.5
T545W477M006ATE055
5.4
470
10
55
296.1
1810
3
105
6.3/5.7
7343/1.5
T548W687M006APE055
7.9
680
10
55
428.4
2680
4
85
16/12.8
7343/1.5
T545W476M016ATE045
3.6
47
10
45
75.2
2000
3
105
16/12.8
7343/1.5
T548W686M016APE050
5.3
68
10
50
108.8
2820
4
85
16/12.8
7343/1.5
T548W107M016APE050
7.7
100
10
50
160.0
2820
4
85
20/16.0
7343/1.5
T545W476M020ATE045
5.8
47
10
45
94.0
2000
3
105
20/16.0
7343/1.5
T545W476M020ATE055
5.8
47
10
55
94.0
1810
3
105
35/28.0
7343/1.5
T548W476M035APE090
18.2
47
10
90
164.5
2100
4
85
10/9.0
7360/1.5
T520J337M010ATE070
9.1
330
10
70
330.0
1700
4
85
16/12.8
7360/1.5
T523J227M016APE100
17.0
220
10
100
352.0
2100
4
85
6.3/5.7
3528/2.0
T520B227M006ATE070
2.5
220
10
70
138.6
1350
3
105
16/12.8
3528/2.0
T521B226M016ATE070
1.7
22
10
70
35.2
1350
3
105
20/16.0
3528/2.0
T521B226M020ATE070
2.7
22
10
70
44.0
1350
3
105
6.3/5.7
7343/2.0
T545V337M006ATE045
3.8
330
10
45
207.9
2040
3
105
6.3/5.7
7343/2.0
T545V477M006ATE055
5.4
470
10
55
296.1
1850
3
105
6.3/5.7
7343/2.0
T548V108M006APE055
11.6
1000
10
55
630.0
2740
4
85
10/9.0
7343/2.0
T545V227M010ATE045
7.9
220
10
45
220.0
2040
3
105
16/12.8
7343/2.0
T545V476M016ATE045
3.6
47
10
45
75.2
2040
3
105
16/12.8
7343/2.0
T545V476M016ATE070
3.6
47
10
70
75.2
1640
3
105
16/12.8
7343/2.0
T545V107M016ATE050
7.7
100
10
50
160.0
1940
3
105
16/12.8
7343/2.0
T548V157M016APE050
11.6
150
10
50
240.0
2870
4
85
20/16.0
7343/2.0
T545V476M020ATE070
5.8
47
10
70
94.0
1640
3
105
6.3/5.7
7360/2.0
T545H108M006ATE055
11.6
1000
20
55
630.0
1850
3
85
6.3/5.7
7360/2.0
T545H158M006ATE035
17.4
1500
20
35
945.0
2320
3
85
6.3/5.7
7360/2.0
T545H158M006ATE055
17.4
1500
20
55
945.0
1850
3
85
10/9.0
7360/2.0
T520H827M010ATE055
29.5
820
10
55
820.0
1910
4
85
16/12.8
7360/2.0
T545H187M016ATE055
13.9
180
20
55
288.0
1910
3
85
16/12.8
7360/2.0
T548H337M016APE070
25.5
330
10
70
528.0
2510
4
85
16/12.8
7360/2.0
T523H477M016APE070
36.4
470
10
70
752.0
2510
4
85
6.3/5.7
7343/4.3
T520X687M006ATE025
7.9
680
10
25
428.4
3150
3
105
10/9.0
7343/4.0
T545Y337M010ATE035
11.9
330
10
35
330.0
2630
3
105
16/12.8
7343/4.3
T545X157M016ATE040
11.6
150
10
40
240.0
2490
3
105
16/12.8
7343/4.3
T545X227M016ATE035
17.0
220
10
35
352.0
2660
3
105
16/12.8
7343/4.3
T545X337M016ATE025
25.5
330
10
25
528.0
3150
3
105
16/12.8
7360/4.3
T521O477M016ATE025
36.4
470
10
25
752.0
3470
3
105
VDC
EIA/mm
mJ
µF
%
µA
mA
°C
Rated
Voltage/
Application
Voltage
CaseSize/
CaseHeight
KEMETPartNumber
Energy
Nominal
Capacitance
Maximum
DFat25°C,
120Hz
Maximum
ESRat
25°C,100
kHz
Maximum
DC
Leakageat
25°C,Vr,5
mincharge
time
Maximum
Allowable
RippleCurrent
at45°C,100
kHz
MSL
Maximum
Operating
Temp


Similar Part No. - T521B157M016APE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521B156M016A(1)E090 KEMET-T521B156M016A(1)E090 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521B156M016ATE090 KEMET-T521B156M016ATE090 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 16 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 90 mOhms, Height Max = 2.1mm
T521B156M020A(1)E090 KEMET-T521B156M020A(1)E090 Datasheet
1Mb / 18P
   High Voltage Polymer Electrolytic
T521B156M020ATE090 KEMET-T521B156M020ATE090 Datasheet
77Kb / 1P
   Tantalum, Polymer Tantalum, T521, 15 uF, 20%, 20 V, 3528, SMD, Polymer, Molded, Low ESR, Non-Combustible, 90 mOhms, Height Max = 2.1mm
T521B156M025ATE100 KEMET-T521B156M025ATE100 Datasheet
80Kb / 1P
   T521, Tantalum, Polymer Tantalum, 15 uF, 20%, 25 V, SMD, Polymer, Molded, Low ESR, Non-Combustible, 100 mOhms, 3528, Height Max = 2.1mm
More results

Similar Description - T521B157M016APE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com