Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-P611 Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # ACPL-P611
Description  High CMR, High-Speed TTL Compatible Optocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-P611 Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button ACPL-P611 Datasheet HTML 2Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 3Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 4Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 5Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 6Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 7Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 8Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 9Page - Broadcom Corporation. ACPL-P611 Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Broadcom
- 6 -
ACPL-W611/ACPL-P611
Data Sheet
Reflow Soldering Profile
The recommended reflow soldering conditions are per JEDEC Standard J-STD-020 (latest revision). Non-halide flux should be used.
Regulatory Information
The ACPL-W611 and ACPL-P611 is approved/pending approval by the following organizations:
Insulation and Safety-Related Specifications
IEC/EN/DIN EN 60747-5-5 (Option 060 only)
Approval
UL
Approval under UL 1577, component recognition program up to VISO = 5000 VRMS. File E55361.
CSA
Approval under CSA Component Acceptance Notice #5, File CA 88324.
Parameter
Symbol
ACPL-P611
ACPL-W611
Units
Conditions
Minimum External Air Gap
(External Clearance)
L(101)
7
8
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External Tracking
(External Creepage)
L(102)
8
8
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
175
175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)


Similar Part No. - ACPL-P611

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
101Kb / 2P
   Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
More results

Similar Description - ACPL-P611

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPL-P611 BOARDCOM-ACPL-P611 Datasheet
653Kb / 15P
   High CMR, High-Speed TTL Compatible Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7611 HP-HCPL-7611 Datasheet
418Kb / 13P
   CMOS/TTL Compatible, Low Input Current, High Speed, High CMR Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N137-500E AVAGO-6N137-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-020 AVAGO-HCPL-2630-020 Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com