Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-1521CZ Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # AFBR-1521CZ
Description  Cost-Effective 650 nm LED Transmitter Driver for DC-5MBd Application for 3.3V Power Supply Voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFBR-1521CZ Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button AFBR-1521CZ Datasheet HTML 2Page - Broadcom Corporation. AFBR-1521CZ Datasheet HTML 3Page - Broadcom Corporation. AFBR-1521CZ Datasheet HTML 4Page - Broadcom Corporation. AFBR-1521CZ Datasheet HTML 5Page - Broadcom Corporation. AFBR-1521CZ Datasheet HTML 6Page - Broadcom Corporation. AFBR-1521CZ Datasheet HTML 7Page - Broadcom Corporation. AFBR-1521CZ Datasheet HTML 8Page - Broadcom Corporation. AFBR-1521CZ Datasheet HTML 9Page - Broadcom Corporation. AFBR-1521CZ Datasheet HTML 10Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Broadcom
- 6 -
AFBR-1521CZ, AFBR-1531CZ, AFBR-1541CZ
Application Note
Further Details about the Recommended Driver Circuit (Figure 1)
Table 1 shows the average test data of three AFBR-1521CZ optical transmitters, placed in driver circuit (Figure 1) with components
for the LED current of around 28 mA at VCC = 3.3V and TA = 25°C.
Components installed are as follows: R1 = 4.7 k
(± 5%); R2 = 47(± 1%); R3 = 15(± 1%); C1 = 220 pF (± 5%).;
Table 2 shows the average test data of three AFBR-1521CZ optical transmitters, placed in driver circuit (Figure 1) with components
for the LED current of around 11 mA at VCC = 3.3V and TA = 25°C.
Components installed are as follows: R1 = 4.7 k
(± 5%); R2 = 130(± 1%); R3 = 43(± 1%); C1 = 180 pF (± 5%).
The variation in supply voltage VCC of the driver circuit has significant influence on the LED driver current level. Table 1 and Table 2
show that VCC fluctuations in the driver circuit of around ± 10% (3.3V ± 0.3V) typically result in up to a 1.5 dB optical output power
variation.
Table 1 Typical Values
Vcc (V)
PWD (ns)
Optical tr (ns)
Optical tf (ns)
Icc at Light OFF
(μA)
Icc at Light ON
(mA)
LOP Variation (Relative to
Vc c= 3.3V, TA = 25°C) (dB)
TA=95°C at 5MBd (pulse width = 200ns) PRBS 2^7-1, target ILED peak = 28mA
3.0
3.5
7.6
3.6
13.6
24.1
–1.5
3.3
3.3
6.7
3.8
15.4
29.7
–0.6
3.6
3.1
6.2
3.9
17.3
35.6
0.1
TA=25°C at 5MBd (pulse width = 200ns) PRBS 2^7-1, target ILED peak = 28mA
3.0
2.7
4.7
4.2
2.8
23.0
–1.0
3.3
2.6
4.3
4.4
3.3
28.7
0
3.6
2.5
4.0
4.3
4.0
34.7
0.8
TA=-40°C at 5MBd (pulse width = 200ns) PRBS 2^7-1, target ILED peak = 28mA
3.0
2.3
2.7
3.5
0.3
21.0
–1.4
3.3
2.2
2.5
3.6
0.4
26.7
–0.4
3.6
2.2
2.4
3.7
0.5
32.7
0.5
Table 2 Typical Values
Vcc (V)
PWD (ns)
Optical tr (ns)
Optical tf (ns)
Icc at Light OFF
(μA)
Icc at Light ON
(mA)
LOP Variation (Relative to
Vcc = 3.3V, TA = 25°C) (dB)
TA = 95°C at 5 MBd (pulse width = 200 ns), PRBS 2^7-1, target ILED peak = 11 mA
3.0
4.2
6.2
3.3
13.9
10.1
–1.4
3.3
3.6
5.8
3.5
15.7
12.3
–0.4
3.6
3.4
5.2
3.5
17.6
14.7
0.4
TA = 25°C at 5 MBd (pulse width = 200 ns), PRBS 2^7-1, target ILED peak = 11 mA
3.0
3.6
5.1
4.2
2.9
9.6
–1.0
3.3
3.1
4.5
4.5
3.4
11.8
0
3.6
3.0
3.9
4.4
4.1
14.2
0.8
TA = –40°C at 5 MBd (pulse width = 200 ns), PRBS 2^7-1, target ILED peak = 11 mA
3.0
4.2
4.0
3.5
0.3
8.8
–1.4
3.3
3.6
3.0
3.7
0.4
11.0
–0.4
3.6
3.4
2.5
3.6
0.5
13.4
0.5


Similar Part No. - AFBR-1521CZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-1521CZ BOARDCOM-AFBR-1521CZ Datasheet
1Mb / 14P
   DC to 5-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
More results

Similar Description - AFBR-1521CZ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUZ216 ISC-BUZ216 Datasheet
65Kb / 2P
   Easy driver for cost effective application
BUZ326 ISC-BUZ326 Datasheet
65Kb / 2P
   Easy driver for cost effective application
BUZ77A ISC-BUZ77A Datasheet
66Kb / 2P
   Easy driver for cost effective application
BUZ77B ISC-BUZ77B Datasheet
66Kb / 2P
   Easy driver for cost effective application
BUZ215 ISC-BUZ215 Datasheet
65Kb / 2P
   Easy driver for cost effective application
BUZ308 ISC-BUZ308 Datasheet
65Kb / 2P
   Easy driver for cost effective application
BUZ93 ISC-BUZ93 Datasheet
65Kb / 2P
   Easy driver for cost effective application
BUZ10A ISC-BUZ10A Datasheet
65Kb / 2P
   Easy driver for cost effective application
BUZ78 ISC-BUZ78 Datasheet
66Kb / 2P
   Easy driver for cost effective application
BUZ255 ISC-BUZ255 Datasheet
65Kb / 2P
   Easy driver for cost effective application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com