Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-1528CZ Datasheet(PDF) 6 Page - Broadcom Corporation.

Part # AFBR-1528CZ
Description  DC to 10-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFBR-1528CZ Datasheet(HTML) 6 Page - Broadcom Corporation.

Back Button AFBR-1528CZ Datasheet HTML 2Page - Broadcom Corporation. AFBR-1528CZ Datasheet HTML 3Page - Broadcom Corporation. AFBR-1528CZ Datasheet HTML 4Page - Broadcom Corporation. AFBR-1528CZ Datasheet HTML 5Page - Broadcom Corporation. AFBR-1528CZ Datasheet HTML 6Page - Broadcom Corporation. AFBR-1528CZ Datasheet HTML 7Page - Broadcom Corporation. AFBR-1528CZ Datasheet HTML 8Page - Broadcom Corporation. AFBR-1528CZ Datasheet HTML 9Page - Broadcom Corporation. AFBR-1528CZ Datasheet HTML 10Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Broadcom
- 6 -
AFBR-1528CZ and AFBR-2528CZ
Data Sheet
Pin Description Receiver AFBR-2528CZ
Pin Description Receiver AFBR-2528CZ
Fiber port facing front, pins downward, 1 = Rightmost pin to 4 = Leftmost pin.
Recommended Application Circuit
Pin
Name
Function/Description
1
Data Outa, b
a.
TTL compatible data output.
b.
Light on at the receiver input will lead to a "low" output signal and light off to a "high" output signal.
Data output.
2VEE
Ground.
3VCC
Power Supply 3.3 V
± 5% or 5 V ± 5%.
4
Pinc
c.
It is recommended to connect this pin to signal GND.
No function, physical pin is available, recommended to signal GND.
5
Housing Pind
d.
Pin 5 and 8 are for mounting and retaining purposes and should be connected to chassis GND.
Physical pin is available, recommended to chassis GND.
8
Housing Pind
Physical pin is available, recommended to chassis GND.
TTL Output
4
VCC
RX
NC
Data Out
VEE
2
3
1
10 F
C6
1 H
L2
GND
GND
GND
VCC
10 F
C2
GND
100 nF
C4
GND
GND


Similar Part No. - AFBR-1528CZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-1521CZ BOARDCOM-AFBR-1521CZ Datasheet
1Mb / 10P
   Cost-Effective 650 nm LED Transmitter Driver for DC-5MBd Application for 3.3V Power Supply Voltage
AFBR-1521CZ BOARDCOM-AFBR-1521CZ Datasheet
1Mb / 14P
   DC to 5-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1529Z AVAGO-AFBR-1529Z Datasheet
199Kb / 5P
   DC to 10 Mbd Versatile Link Fiber Optic Analog Transmitter for 1 mm POF and 200 關m PCS
More results

Similar Description - AFBR-1528CZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1529Z AVAGO-AFBR-1529Z Datasheet
199Kb / 5P
   DC to 10 Mbd Versatile Link Fiber Optic Analog Transmitter for 1 mm POF and 200 關m PCS
logo
Broadcom Corporation.
AFBR-15X1CZ BOARDCOM-AFBR-15X1CZ Datasheet
1Mb / 14P
   DC to 5-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0508 AVAGO-HFBR-0508 Datasheet
208Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
HFBR-0508Z AVAGO-HFBR-0508Z Datasheet
143Kb / 8P
   10 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
AFBR-2521CZ AVAGO-AFBR-2521CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
logo
Broadcom Corporation.
AFBR-25X1CZ BOARDCOM-AFBR-25X1CZ Datasheet
320Kb / 9P
   DC?? Megabaud Versatile Link Fiber Optic Receiver for 1mm POF and 200關m PCS
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-1525EZ AVAGO-HFBR-1525EZ Datasheet
131Kb / 7P
   12 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF and 200 關m HCS짰
logo
Broadcom Corporation.
AFBR-2529SIZ BOARDCOM-AFBR-2529SIZ Datasheet
864Kb / 9P
   DC-50MBd Versatile Link Fiber-Optic Receiver with Monitoring Output for 1 mm POF and 200 關m PCS
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1624Z AVAGO-AFBR-1624Z Datasheet
99Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
AFBR-1644Z AVAGO-AFBR-1644Z Datasheet
90Kb / 7P
   DC, 50 Megabaud Versatile Link Fiber Optic Transmitter and Receiver for 1 mm POF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com