Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFBR-1555ARZ Datasheet(PDF) 4 Page - Broadcom Corporation.

Part # AFBR-1555ARZ
Description  Reinforced Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFBR-1555ARZ Datasheet(HTML) 4 Page - Broadcom Corporation.

  AFBR-1555ARZ Datasheet HTML 1Page - Broadcom Corporation. AFBR-1555ARZ Datasheet HTML 2Page - Broadcom Corporation. AFBR-1555ARZ Datasheet HTML 3Page - Broadcom Corporation. AFBR-1555ARZ Datasheet HTML 4Page - Broadcom Corporation. AFBR-1555ARZ Datasheet HTML 5Page - Broadcom Corporation. AFBR-1555ARZ Datasheet HTML 6Page - Broadcom Corporation. AFBR-1555ARZ Datasheet HTML 7Page - Broadcom Corporation. AFBR-1555ARZ Datasheet HTML 8Page - Broadcom Corporation. AFBR-1555ARZ Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Broadcom
- 4 -
AFBR-1555ARZ, AFBR-2555ARZ
(SMA Tx/Rx for SERCOS)
Data Sheet
Peak Output Power
Peak Output Power
–40°C to +85° unless otherwise stated.
Electrical and Optical Characteristics
–40°C to +85° unless otherwise stated.
Parameter
Symbol
Min
Typa
a.
Typical data are at 25°C.
Max
Unit
Conditions
Reference
30-mA, 1-mm POF
200-μm PCS
PT,30
–6.5
–18
–1
–12
2
–9
dBm
IF,DC = 30 mA
Notes b, c
Figure 2
b.
Optical power measured with polished connector end face at the end of 1 meter of 1-mm diameter POF with a numerical aperture (NA) of 0.5, or of 200-μm
diameter PCS, with NA = 0.37, using a large area detector.
c.
Minimum and maximum values for PT over temperature are based on a fixed drive current.
10-mA,1-mm POF
PT,10
–11.5
–6
–3
dBm
IF,DC = 10 mA
Notes b, c
Figure 2
5-mA,1-mm POF
PT,5
–14.5
–9
–6
dBm
IF,DC = 5 mA
Notes b, c
Figure 2
3-mA, 1-mm POF
PT,3
–16.5
–11
–8
dBm
IF,DC = 3 mA
Notes b, c
Figure 2
30-mA, 1-mm POF, 25°C
PT,30,25
–3
–1
1
dBm
IF,DC = 30 mA
T = 25°C
Notes b, d
Figure 2
d.
This parameter refers to initial (0hrs) operation at 25°C only. Any degredation by aging effects of the LED as well as temperature effects are not considered.
Optical Power Temperature Coefficient
ΔPT/ΔT
–0.01
dB/ºC
–40°C to +25°C
–0.02
dB/ºC
+25°C to +85°C
Parameter
Symbol
Min
Typa
a.
Typical data are at 25°C.
Max
Unit
Conditions
Reference
Forward Voltage
VF
1.4
2.3
V
IF,DC = 3 mA to 30 mA Figure 1
Forward Voltage Temperature Coefficient
ΔVF/ΔT
1.6
mV/°C
IF,DC = 30 mA
Figure 1
Reverse Input Breakdown Voltage
VBR
920
V
Peak Emission Wavelength
λPK
630
650
685
nm
Peak Emission Wavelength Temperature
Coefficient
Δλ/ΔT
0.16
nm/K
Spectral Width
FWHM
20
nm
Diode Capacitance
CO
—30
70
pF
Optical Rise Time
tR
——
16
ns
10% to 90%
Note b
b.
Using the recommended drive circuitry according to Figure 3.
Optical Fall Time
tF
——
16
ns
90% to 10%
Note b


Similar Part No. - AFBR-1555ARZ

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFBR-1521CZ BOARDCOM-AFBR-1521CZ Datasheet
1Mb / 10P
   Cost-Effective 650 nm LED Transmitter Driver for DC-5MBd Application for 3.3V Power Supply Voltage
AFBR-1521CZ BOARDCOM-AFBR-1521CZ Datasheet
1Mb / 14P
   DC to 5-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
AFBR-1528CZ BOARDCOM-AFBR-1528CZ Datasheet
1Mb / 12P
   DC to 10-MBd Versatile Link Fiber Optic Analog Transmitter and Digital Receiver for 1-mm POF and 200-關m PCS
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-1529Z AVAGO-AFBR-1529Z Datasheet
199Kb / 5P
   DC to 10 Mbd Versatile Link Fiber Optic Analog Transmitter for 1 mm POF and 200 關m PCS
logo
Broadcom Corporation.
AFBR-1531CZ BOARDCOM-AFBR-1531CZ Datasheet
1Mb / 10P
   Cost-Effective 650 nm LED Transmitter Driver for DC-5MBd Application for 3.3V Power Supply Voltage
More results

Similar Description - AFBR-1555ARZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Agilent(Hewlett-Packard...
HFBR-0600 HP-HFBR-0600 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
logo
Sharp Corporation
GP1F562T SHARP-GP1F562T Datasheet
24Kb / 2P
   Fiber Optic Transmitter/Receiver
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
logo
Agilent(Hewlett-Packard...
HFBR-2506AM HP-HFBR-2506AM Datasheet
188Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2506AMZ AVAGO-HFBR-2506AMZ Datasheet
235Kb / 6P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
AFBR-1012 AVAGO-AFBR-1012 Datasheet
109Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
logo
Agilent(Hewlett-Packard...
HFBR-1312T HP-HFBR-1312T Datasheet
182Kb / 8P
   1300 nm Fiber Optic Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
AFBR-1013 AVAGO-AFBR-1013 Datasheet
110Kb / 9P
   Fiber Optic Transmitter and Receiver for 50 MBaud MOST
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com