Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-643x Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # HCPL-643x
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-643x Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button HCPL-643x Datasheet HTML 3Page - Broadcom Corporation. HCPL-643x Datasheet HTML 4Page - Broadcom Corporation. HCPL-643x Datasheet HTML 5Page - Broadcom Corporation. HCPL-643x Datasheet HTML 6Page - Broadcom Corporation. HCPL-643x Datasheet HTML 7Page - Broadcom Corporation. HCPL-643x Datasheet HTML 8Page - Broadcom Corporation. HCPL-643x Datasheet HTML 9Page - Broadcom Corporation. HCPL-643x Datasheet HTML 10Page - Broadcom Corporation. HCPL-643x Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Broadcom
- 7 -
HCPL-540x, 5962-89570, HCPL-543x, HCPL-643x, 5962-89571
Data Sheet
Single-Channel Product Only
Single-Channel Product Only
8-Pin Ceramic DIP Single-Channel Schematic
Note: Enable pin 7. An external 0.01-μF to 0.1-μF bypass capacitor must be connected between VCC and ground for each package type.
ESD Classification
Recommended Operating Conditions
Single-Channel Product Only
Parameter
Symbol
Min
Max
Unit
Note
Three State Enable Voltage
VE
–0.5
10
V
(MIL-STD-883, Method 3015)
HCPL-5400/01/0K
, Class 2
HCPL-5430/31/3K and HCPL-6430/31/3K
, Class 3
Parameter
Symbol
Min
Max
Unit
Input Current (High)
IF(ON)
610
mA
Supply Voltage, Output
VCC
4.75
5.25
V
Input Voltage (Low)
VF(OFF)
—0.7
V
Fan Out (Each Channel)
N
5
TTL Loads
Parameter
Symbol
Min
Max
Unit
High Level Enable Voltage
VEH
2.0
VCC
V
Low Level Enable Voltage
VEL
00.8
V
2
+
VF
VCC
8
VE
7
VO
6
GND
5
ICC
IE
IF
ANODE
CATHODE
3


Similar Part No. - HCPL-643x

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-643X HP-HCPL-643X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
More results

Similar Description - HCPL-643x

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com