Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-89571 Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # 5962-89571
Description  Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

5962-89571 Datasheet(HTML) 3 Page - Broadcom Corporation.

  5962-89571 Datasheet HTML 1Page - Broadcom Corporation. 5962-89571 Datasheet HTML 2Page - Broadcom Corporation. 5962-89571 Datasheet HTML 3Page - Broadcom Corporation. 5962-89571 Datasheet HTML 4Page - Broadcom Corporation. 5962-89571 Datasheet HTML 5Page - Broadcom Corporation. 5962-89571 Datasheet HTML 6Page - Broadcom Corporation. 5962-89571 Datasheet HTML 7Page - Broadcom Corporation. 5962-89571 Datasheet HTML 8Page - Broadcom Corporation. 5962-89571 Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Broadcom
- 3 -
HCPL-540x, 5962-89570, HCPL-543x, HCPL-643x, 5962-89571
Data Sheet
Selection Guide – Lead Configuration Options
Selection Guide – Lead Configuration Options
Package
8-Pin DIP
8-Pin DIP
20-Pad LCCC
Lead Style
Through Hole
Through Hole
Surface Mount
Channels
1
2
2
Common Channel Wiring
None
VCC, GND
None
Part Number and Options
Commercial
HCPL-5400
HCPL-5430
HCPL-6430
MIL-PRF-38534, Class H
HCPL-5401
HCPL-5431
HCPL-6431
MIL-PRF-38534, Class K
HCPL-540K
HCPL-543K
HCPL-643K
Standard Lead Finish
Gold Platea
a.
Gold plate lead finish: Maximum gold thickness of leads is <100 micro-inches. Typical is 60 to 90 micro-inches.
Gold Platea
Solder Padsb
b.
Solder lead finish: Sn63/Pb37.
Solder Dippedb
Option 200
Option 200
Butt Cut/Gold Platea
Option 100
Option 100
Gull Wing/Solderedb
Option 300
Option 300
Class H SMD Part Number
Prescript for all below
5962-
5962-
5962-
Gold Platea
8957001PC
8957101PC
Solder Dippedb
8957001PA
8957101PA
89571022A
Butt Cut/Gold Platea
8957001YC
8957101YC
Butt Cut/Solderedb
8957001YA
8957101YA
Gull Wing/Solderedb
8957001XA
8957101XA
Class K SMD Part Number
Prescript for all below
5962-
5962-
5962-
Gold Platea
8957002KPC
8957103KPC
Solder Dippedb
8957002KPA
8957103KPA
8957104K2A
Butt Cut/Gold Platea
8957002KYC
8957103KYC
Butt Cut/Solderedb
8957002KYA
8957103KYA
Gull Wing/Solderedb
8957002KXA
8957103KXA


Similar Part No. - 5962-89571

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5962-89571 HP-5962-89571 Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
More results

Similar Description - 5962-89571

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-643X AVAGO-HCPL-643X Datasheet
353Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers High radiation immunity
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
5962-9800101KEC AVAGO-5962-9800101KEC Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
6N134 HP-6N134 Datasheet
259Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
6N134 BOARDCOM-6N134 Datasheet
1Mb / 15P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-563K AVAGO-HCPL-563K Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-5631 AVAGO-HCPL-5631 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
HCPL-6630 AVAGO-HCPL-6630 Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
logo
Broadcom Corporation.
ACPL-267XL BOARDCOM-ACPL-267XL Datasheet
939Kb / 14P
   Hermetically Sealed, 3.3V High-Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com