Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-576X Datasheet(PDF) 1 Page - Broadcom Corporation.

Part # HCPL-576X
Description  AC/DC to Logic Interface Hermetically Sealed Optocouplers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

HCPL-576X Datasheet(HTML) 1 Page - Broadcom Corporation.

  HCPL-576X Datasheet HTML 1Page - Broadcom Corporation. HCPL-576X Datasheet HTML 2Page - Broadcom Corporation. HCPL-576X Datasheet HTML 3Page - Broadcom Corporation. HCPL-576X Datasheet HTML 4Page - Broadcom Corporation. HCPL-576X Datasheet HTML 5Page - Broadcom Corporation. HCPL-576X Datasheet HTML 6Page - Broadcom Corporation. HCPL-576X Datasheet HTML 7Page - Broadcom Corporation. HCPL-576X Datasheet HTML 8Page - Broadcom Corporation. HCPL-576X Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Broadcom
- 1 -
Description
These devices are single-channel, hermetically sealed,
voltage/current threshold detection optocouplers. The
products are capable of operation and storage over the full
military temperature range and can be purchased as either
commercial product, or with full MIL-PRF-38534 Class Level H
or K testing, or from the DLA Standard Microcircuit Drawing
(SMD) 5962-89477. All devices are manufactured and tested on
a MIL-PRF-38534 certified line, and Class H and K devices are
included in the DLA Qualified Manufacturers List, QML-38534
for Hybrid Microcircuits.
Each unit contains a light emitting diode (LED), a threshold
sensing input buffer IC, and a high gain photon detector to
provide an optocoupler that permits adjustable external
threshold levels. The input buffer circuit has a nominal turn on
threshold of 2.5 mA (ITH+) and 3.6 volts (VTH+). The addition of
one or more external attenuation resistors permits the use of
this device over a wide range of input voltages and currents.
Threshold sensing prior to the LED and detector elements
minimizes effects of any variation in optical coupling.
Hysteresis is also provided in the buffer for extra noise
immunity and switching stability.
The buffer circuit is designed with internal clamping diodes to
protect the circuitry and LED from a wide range of overvoltage
and overcurrent transients while the diode bridge enables easy
use with ac voltage input.
CAUTION
It is advised that normal static precautions be
taken in handling and assembly of this
component to prevent damage and/or
degradation which may be induced by ESD.
1.
See Selection Guide — Package Styles and Lead Configuration Options
for available extensions.
Features
Dual marked with device part number and DLA Standard
Microcircuit Drawing (SMD)
Manufactured and tested on a MIL-PRF-38534 certified line
QML-38534, Class H and K
Hermetically sealed 8-pin dual in-line packages
Performance guaranteed over –55°C to +125°C
AC or DC input
Programmable sense voltage
Hysteresis
HCPL-3700 operating compatibility
Logic compatible output
1500 Vdc withstand test voltage
Thresholds guaranteed over temperature
Thresholds independent of LED characteristics
Applications
Military and space
High reliability systems
Transportation, medical, and life critical systems
Limit switch sensing
Low voltage detector
AC/DC voltage sensing
Relay contact monitor
Relay coil voltage monitor
Current sensing
Microprocessor interface
Telephone ring detection
Harsh industrial environments
HCPL-576x, 5962-8947701 1
AC/DC to Logic Interface Hermetically Sealed
Optocouplers
Data Sheet


Similar Part No. - HCPL-576X

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
More results

Similar Description - HCPL-576X

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-520X HP-HCPL-520X Datasheet
294Kb / 12P
   Hermetically Sealed, Low IF, Wide VCC, Logic Gate Optocouplers
logo
Broadcom Corporation.
HCPL-520X BOARDCOM-HCPL-520X Datasheet
1Mb / 15P
   Hermetically Sealed Low IF, Wide VCC, Logic Gate Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N134-883B AVAGO-6N134-883B Datasheet
190Kb / 12P
   Hermetically Sealed, High Speed, High CMR, Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com