Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T521J157M020APE0507280 Datasheet(PDF) 10 Page - Kemet Corporation

Part # T521J157M020APE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T521J157M020APE0507280 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T521J157M020APE0507280 Datasheet HTML 6Page - Kemet Corporation T521J157M020APE0507280 Datasheet HTML 7Page - Kemet Corporation T521J157M020APE0507280 Datasheet HTML 8Page - Kemet Corporation T521J157M020APE0507280 Datasheet HTML 9Page - Kemet Corporation T521J157M020APE0507280 Datasheet HTML 10Page - Kemet Corporation T521J157M020APE0507280 Datasheet HTML 11Page - Kemet Corporation T521J157M020APE0507280 Datasheet HTML 12Page - Kemet Corporation T521J157M020APE0507280 Datasheet HTML 13Page - Kemet Corporation T521J157M020APE0507280 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016 10
10
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Table 2 – Land Dimensions/Courtyard cont'd
For T523/T548
KEMET
Metric
Size
Code
Density Level A:
Maximum (Most) Land
Protrusion (mm)
Density Level B:
Median (Nominal) Land
Protrusion (mm)
Density Level C:
Minimum (Least) Land
Protrusion (mm)
Case
EIA
W
L
S
V1
V2
W
L
S
V1
V2
W
L
S
V1
V2
W
7343-15
2.55
2.77
3.67
10.22
5.60
2.43
2.37
3.87
9.12
5.10
2.33
1.99
4.03
8.26
4.84
V
7343-20
2.55
2.77
3.67
10.22
5.60
2.43
2.37
3.87
9.12
5.10
2.33
1.99
4.03
8.26
4.84
J
7360-15
4.60
3.07
3.07
10.22
7.30
4.48
2.67
3.27
9.12
6.80
4.38
2.29
3.43
8.26
6.54
H
7360-20
4.60
3.07
3.07
10.22
7.30
4.48
2.67
3.27
9.12
6.80
4.38
2.29
3.43
8.26
6.54
Density Level A: For low-density product applications. Recommended for wave solder applications and provides a wider process window for reflow solder
processes.
Density Level B: For products with a moderate level of component density. Provides a robust solder attachment condition for reflow solder processes.
Density Level C: For high component desity product applications. Before adapting the minimum land pattern variations the user should perform qualification
testing based on the conditions outlined in IPC standard 7351 (IPC–7351).
L
S
W
W
L
V1
V2
Grid Placement Courtyard


Similar Part No. - T521J157M020APE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T521 KEMET-T521 Datasheet
133Kb / 1P
   T521 Series - High Voltage Polymer
logo
E-SWITCH
T521001 E-SWITCH-T521001 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T521003 E-SWITCH-T521003 Datasheet
127Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T521004 E-SWITCH-T521004 Datasheet
163Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T521005 E-SWITCH-T521005 Datasheet
238Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T521J157M020APE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com