Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWR11KH155KCA Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CWR11KH155KCA
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR11KH155KCA Datasheet(HTML) 6 Page - Vishay Siliconix

  CWR11KH155KCA Datasheet HTML 1Page - Vishay Siliconix CWR11KH155KCA Datasheet HTML 2Page - Vishay Siliconix CWR11KH155KCA Datasheet HTML 3Page - Vishay Siliconix CWR11KH155KCA Datasheet HTML 4Page - Vishay Siliconix CWR11KH155KCA Datasheet HTML 5Page - Vishay Siliconix CWR11KH155KCA Datasheet HTML 6Page - Vishay Siliconix CWR11KH155KCA Datasheet HTML 7Page - Vishay Siliconix CWR11KH155KCA Datasheet HTML 8Page - Vishay Siliconix CWR11KH155KCA Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
52
CWR11
Vishay Sprague
Document Number 40011
Revision 31-Jan-05
For technical questions, contact tantalum@vishay.com
9.3.7
Following the high frequency vibration test,
capacitors shall meet the original limits for
capacitance, dissipation factor and leakage
current.
10.
Acceleration Test:
10.1
Capacitors shall be rigidly mounted by means of
suitable brackets.
10.2
Capacitors shall be subjected to a constant
acceleration of 100 g for a period of 10 seconds in
each of 2 mutually perpendicular planes.
10.2.1
The direction of motion shall be parallel to and
perpendicular to the longitudinal axis of the
capacitors.
10.3
Rated DC voltage shall be applied during
acceleration test.
10.3.1
An oscilloscope or other comparable means shall
be used in determining electrical intermittency
during test. The AC voltage applied shall not
exceed 2 volts rms.
10.4
Electrical tests shall show no evidence of
intermittent contacts, open circuits or short circuits
during these tests.
10.5
There shall be no mechancial damage to these
capacitors as a result of these tests.
10.6
Following the acceleration test, capacitors shall
meet the original limits for capacitance, dissipation
factor and leakage current.
11.
Shock Test:
11.1
Capacitors shall be rigidly mounted by means of
suitable brackets. The test load shall be
distributed uniformly on the test platform to
minimize the effects of unbalanced loads.
11.1.1
Test equipment shall be adjusted to produce a
shock of 100 g peak with the duration of 6 mS and
sawtooth waveform at a velocity change of 9.7 ft./
sec.
11.2
Capacitors shall be subjected to 3 shocks applied
in each of 3 directions corresponding to the 3
mutually perpendicular axes of the capacitors.
11.3
Rated DC voltage shall be applied during test.
11.3.1
An oscilloscope or other comparable means shall
be used in determining electrical intermittency
during tests. The replacement voltage applied
shall not exceed 2 volts rms.
PERFORMANCE CHARACTERISTICS (Continued)
11.4
Electrical tests shall show no evidence of
intermittent contacts, open circuits or short circuits
during these tests.
11.5
There shall be no mechanical damage to these
capacitors as a result of these tests.
11.6
Following the shock test, capacitors shall meet the
original limits for capacitance, dissipation factor
and leakage current.
12.
Moisture Resistance:
12.1
Capacitors shall be subjected to temperature
cycling at 90% to 95% relative humidity, from
+ 25°C to + 65°C to + 25°C (+ 10°C, - 2°C) over a
period of 8 hours per cycle for 1000 hours.
12.2
Following the moisture resistance test, the leakage
current and dissipation factor shall meet the initial
requirements, and the change in capacitance shall
not exceed ± 10%.
13.
Thermal Shock:
13.1
Capacitors shall be conditioned prior to
temperature cycling for 15 minutes at + 25°C, at
less than 50% relative humidity and a barometric
pressure at 28 to 31 inches.
13.2
Capacitors shall be subjected to thermal shock in a
cycle of exposure to ambient air at - 65°C (+ 0°C,
- 5°C) for 30 minutes, then + 25°C (+10°C, - 5°C)
for 5 minutes, then + 125°C (+ 3°C, - 0°C) for 30
minutes, then + 25°C (+ 10°C, - 5°C) for 5 minutes
for 5 cycles.
13.3
Capacitors shall show no evidence of harmful or
extensive corrosion, obliteration of marking or
other visible damage.
13.4
Following the thermal shock test, capacitors shall
meet the original requirements for leakage current
and dissipation factor, capacitance change shall
not exceed ± 5% of the original measured value.
14.
Soldering Compatibility:
14.1
Resistance to Solder Heat: Capacitors will
withstand exposure to + 260ºC + 5ºC for 10
seconds.
14.1.1
Following the resistance to soldering heat test,
capacitance, dissipation factor and DC leakage
current shall meet the initial requirement.
14.2
Solderability: Capacitors will meet the
solderability requirements of ANSI / J-STD-002,
Test B (MIL-STD-202, method 208 and Test S).
14.3
Solderability: Capacitors will meet the
solderability requirements of (MIL-STD-202
method 208), ANSI/J-STD-002, Test B.


Similar Part No. - CWR11KH155KCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11KH155KBA VISHAY-CWR11KH155KBA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11KH155KBB VISHAY-CWR11KH155KBB Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11KH155KMA VISHAY-CWR11KH155KMA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11KH155KMB VISHAY-CWR11KH155KMB Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11KH155KPA VISHAY-CWR11KH155KPA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
More results

Similar Description - CWR11KH155KCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
logo
Vishay Siliconix
293D VISHAY-293D Datasheet
160Kb / 13P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
Revision: 04-Jul-13
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com