Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T545M157M020APE0507280 Datasheet(PDF) 8 Page - Kemet Corporation

Part # T545M157M020APE0507280
Description  Polymer Electrolytic (KO-CAP), 6.3 - 35 VDC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T545M157M020APE0507280 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T545M157M020APE0507280 Datasheet HTML 4Page - Kemet Corporation T545M157M020APE0507280 Datasheet HTML 5Page - Kemet Corporation T545M157M020APE0507280 Datasheet HTML 6Page - Kemet Corporation T545M157M020APE0507280 Datasheet HTML 7Page - Kemet Corporation T545M157M020APE0507280 Datasheet HTML 8Page - Kemet Corporation T545M157M020APE0507280 Datasheet HTML 9Page - Kemet Corporation T545M157M020APE0507280 Datasheet HTML 10Page - Kemet Corporation T545M157M020APE0507280 Datasheet HTML 11Page - Kemet Corporation T545M157M020APE0507280 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2079_SSD • 9/27/2016
88
Solid State Drives/High Energy Applications
Polymer Electrolytic (KO-CAP®), 6.3 – 35 VDC
Surge Voltage
Surge voltage is the maximum voltage (peak value) which may be applied to the capacitor. The surge voltage must not
be applied for periodic charging and discharging in the course of normal operation and cannot be part of the application
voltage. Surge voltage capability is demonstrated by application of 1,000 cycles at operating temperature. The parts are
charged through a 33 Ohm resistor for 30 seconds and then discharged though a 33 Ohm resistor for each cycle.
Rated Voltage (V)
Surge Voltage (V)
–55ºC to 105ºC
2.5
3.3
6.3
8.3
10
13.2
16
21.1
20
26.4
25
33.0
35
46.2
Reverse Voltage
Polymer electrolytic capacitors are polar devices and may be permanently damaged or destroyed if connected in the wrong
polarity. These devices will withstand a small degree of transient voltage reversal for short periods as shown in the below
table.
Temperature
Permissible Transient Reverse Voltage
25°C
15% of Rated Voltage
55°C
10% of Rated Voltage
85°C
5% of Rated Voltage
105°C
3% of Rated Voltage
125°C*
1% of Rated Voltage
*For series rated to 125°C


Similar Part No. - T545M157M020APE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T545H108M006ATE055 KEMET-T545H108M006ATE055 Datasheet
1Mb / 18P
   High energy delivery capability
T545H187M016ATE055 KEMET-T545H187M016ATE055 Datasheet
67Kb / 1P
   Tantalum, Polymer Tantalum, T545, 180 uF, 20%, 16 V, 7360, SMD, Polymer, Molded, Low Profile, HiEnergyDensity, 55 mOhms, Height Max = 2mm
T545V107M016ATE050 KEMET-T545V107M016ATE050 Datasheet
67Kb / 1P
   T545, Tantalum, Polymer Tantalum, 100 uF, 20%, 16 V, SMD, Polymer, Molded, Low Profile, HiEnergyDensity, 50 mOhms, 7343, Height Max = 2mm
T545V107M016ATE055 KEMET-T545V107M016ATE055 Datasheet
76Kb / 1P
   Capacitor, Tantalum, SMD, Polymer, Molded, Low Profile, High Energy Density, 100 uF, 7343, /-20% Tol, 16V@85C
T545V476M016ATE045 KEMET-T545V476M016ATE045 Datasheet
74Kb / 1P
   T545, Tantalum, Polymer Tantalum, 47 uF, 20%, 16 VDC, SMD, Polymer, Molded, Low Profile, HiEnergyDensity, 45 mOhms, 7343, Height Max = 2mm
More results

Similar Description - T545M157M020APE0507280

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T495X476M025AHE080 KEMET-T495X476M025AHE080 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V107M010ATE045 KEMET-T520V107M010ATE045 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B107M006ATE025 KEMET-T520B107M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B476M006ATE025 KEMET-T520B476M006ATE025 Datasheet
1Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520D337M006ATE025 KEMET-T520D337M006ATE025 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520V337M004ATE009 KEMET-T520V337M004ATE009 Datasheet
1Mb / 24P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520C157M010ATE055 KEMET-T520C157M010ATE055 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) T520 Series Polymer Tantalum
T520B227M006ATE035 KEMET-T520B227M006ATE035 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V337M2R5ATE009 KEMET-T520V337M2R5ATE009 Datasheet
2Mb / 26P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
T520V156M025ATE090 KEMET-T520V156M025ATE090 Datasheet
2Mb / 25P
   KEMET Organic Capacitor (KO-CAP) ??Low ESR T520 Series Polymer Tantalum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com