Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL1023T Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # NL1023T
Description  Single-Stage Thermoelectric Cooler
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL1023T Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  NL1023T Datasheet HTML 1Page - II-VI Marlow, Inc. NL1023T Datasheet HTML 2Page - II-VI Marlow, Inc. NL1023T Datasheet HTML 3Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DOC # 102-0297 REV G - PAGE 2 OF 3
ENVIRONMENT: ONE ATMOSPHERE DRY NITROGEN
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, contact one of our Applications Engineers at
877-627-5691.
Installation
Recommended mounting methods: Bonding with thermal epoxy or soldering with metallized ceramics. For additional information,
please refer to our TEC Installation Guide.
Operation Cautions
For maximum reliability, storage and operation below 85°C in a non-condensing environment is recommended. To minimize thermal
stress, use linear/proportional temperature control or a similar method rather than an ON/OFF method.
CONTACT US:
For customer support or general questions please contact a local office below or visit our website at www.marlow.com.
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
877-627-5691 (tech support)
www.marlow.com
Marlow Industries Europe GmbH
Brunnenweg 19-21
64331 Weiterstadt
Germany
Tel.: +49 (0) 6150 5439 - 403
Fax: +49 (0) 6150 5439 - 400
info@marlow-europe.eu
II-VI Japan Inc.
WBG Marive East 17F
2-6 Nakase, Mihama-ku
Chiba-Shi, Chiba 261-7117
Japan
81 43 297 2693 (tel)
81 43 297 3003 (fax)
center@ii-vi.co.jp
www.ii-vi.co.jp
II-VI Singapore Pte., Ltd.
Blk. 5012, Techplace II
#04-07 & 05-07/12, Ang Mo Kio Ave. 5
Singapore 569876
(65) 6481 8215 (tel)
(65) 6481 8702 (fax)
info@ii-vi.com.sg
www.ii-vi.com.sg
10.00
9.00
8.00
7.00
6.00
5.00
4.00
3.00
2.00
1.00
0.00
(WATTS)
LOAD
HEAT
T=0
Q=0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
2.0
1.6
1.2
0.8
0.4
0.0
8.0
6.0
4.0
2.0
0.0
9.00
8.00
7.00
6.00
5.00
4.00
3.00
2.00
1.00
0.00
(WATTS)
LOAD
HEAT
T=0
Q=0
80.0
60.0
40.0
20.0
0.0
CURRENT (AMPS)
2.0
1.6
1.2
0.8
0.4
0.0
8.0
6.0
4.0
2.0
0.0
Hot Side Temperature: 27°C
Hot Side Temperature: 50°C
Environment: One atmosphere dry nitrogen
Hot Side Temperature 27°C
Hot Side Temperature 50°C


Similar Part No. - NL1023T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NL1023T ETC2-NL1023T Datasheet
145Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL1023T VIMARLOW-NL1023T Datasheet
535Kb / 3P
   Single-Stage Thermoelectric Module
logo
List of Unclassifed Man...
NL1023T-01 ETC2-NL1023T-01 Datasheet
145Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL1023T-01AC VIMARLOW-NL1023T-01AC Datasheet
535Kb / 3P
   Single-Stage Thermoelectric Module
logo
List of Unclassifed Man...
NL1023T-02 ETC2-NL1023T-02 Datasheet
145Kb / 2P
   Thermoelectric Cooler
More results

Similar Description - NL1023T

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
   Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
   Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1507 VIMARLOW-NL1507 Datasheet
296Kb / 2P
   Single-Stage Thermoelectric Cooler
RC12-9 VIMARLOW-RC12-9 Datasheet
155Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2393 VIMARLOW-XLT2393 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com