Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL1025T-02AC Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # NL1025T-02AC
Description  Single-Stage Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL1025T-02AC Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  NL1025T-02AC Datasheet HTML 1Page - II-VI Marlow, Inc. NL1025T-02AC Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
DOC # 102-0298 REV L - PAGE 1 OF 2
NL1025T
Single-Stage Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
NEGATIVE LEAD (-)
POSITIVE LEAD (+)
COLD SIDE, Tc
.004 [0.10] A
.001 [0.03]
.346
[8.79]
.432
[10.97]
2.00±.25
[50.8±6.4]
LEADS: 28AWG
UN-INSULATED SOLID TINNED COPPER
-05, -07 ONLY: TEFLON INSULATED, SILVER PLATED COPPER
-05 ONLY:
7.00±.25
[177.8±6.4]
.085±.005
[2.16±0.13]
.001 [0.03]
CERAMIC MATERIAL: ALUMINA (AC)
MILLIMETERS ARE IN [ ]
-05 ONLY: RED LEADWIRES, SOLID
-07 ONLY: WHITE LEADWIRES, STRANDED
-05 ONLY: BLACK LEADWIRES, SOLID
-07 ONLY: BLACK LEADWIRES, STRANDED
-07 ONLY:
5.00±.25
[127.8±6.4]
ORDERING OPTIONS
PRODUCT FEATURES
Pretinned Metallized Ceramic Surface(s) with 117°C solder.
Thermistor mounted on edge of cold side ceramic.
(Calibration available.)
Elevated temperature burn-in with test data provided.
Hot Side Temperature (°C)
27°C
50°C
Δ Tmax (°C-dry N2):
64
73
Qmax (watts):
5.2
5.8
Imax (amps):
1.8
1.8
Vmax (vdc):
4.4
4.9
AC Resistance (ohms):
2.1
--
Model Number
Description
NL1025T-01AC
Both Surfaces are Metallized
NL1025T-02AC
Hot Side Exterior is Metallized
NL1025T-03AC
No Metallization
NL1025T-05AC
No Metallization, Insulated 7 Inch Leadwire
NL1025T-06AC
No Metallization, RTV Sealed
NL1025T-07AC
No Metallization, Insulated 5 Inch Leadwire


Similar Part No. - NL1025T-02AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1025T-02AC VIMARLOW-NL1025T-02AC Datasheet
502Kb / 2P
   Single-Stage Thermoelectric Module
More results

Similar Description - NL1025T-02AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1020T VIMARLOW-NL1020T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2427 VIMARLOW-XLT2427 Datasheet
138Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1011T VIMARLOW-NL1011T Datasheet
136Kb / 2P
   Single-Stage Thermoelectric Cooler
TR060-6.5-40 VIMARLOW-TR060-6.5-40 Datasheet
285Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT2416 VIMARLOW-XLT2416 Datasheet
179Kb / 2P
   Single-Stage Thermoelectric Cooler
CM29-1.9 VIMARLOW-CM29-1.9 Datasheet
237Kb / 3P
   Single-Stage Thermoelectric Cooler
XLT3-4 VIMARLOW-XLT3-4 Datasheet
120Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2404 VIMARLOW-XLT2404 Datasheet
239Kb / 2P
   Single-Stage Thermoelectric Cooler
NL1507 VIMARLOW-NL1507 Datasheet
296Kb / 2P
   Single-Stage Thermoelectric Cooler
RC12-9 VIMARLOW-RC12-9 Datasheet
155Kb / 2P
   Single-Stage Thermoelectric Cooler
XLT2393 VIMARLOW-XLT2393 Datasheet
153Kb / 2P
   Single-Stage Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com