Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CWR11NH155KCA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CWR11NH155KCA
Description  Solid Tantalum Chip Capacitors TANTAMOUNT Military, Surface Mount MIL-PRF-55365/8 Qualified
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR11NH155KCA Datasheet(HTML) 5 Page - Vishay Siliconix

  CWR11NH155KCA Datasheet HTML 1Page - Vishay Siliconix CWR11NH155KCA Datasheet HTML 2Page - Vishay Siliconix CWR11NH155KCA Datasheet HTML 3Page - Vishay Siliconix CWR11NH155KCA Datasheet HTML 4Page - Vishay Siliconix CWR11NH155KCA Datasheet HTML 5Page - Vishay Siliconix CWR11NH155KCA Datasheet HTML 6Page - Vishay Siliconix CWR11NH155KCA Datasheet HTML 7Page - Vishay Siliconix CWR11NH155KCA Datasheet HTML 8Page - Vishay Siliconix CWR11NH155KCA Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.vishay.com
51
CWR11
Vishay Sprague
Document Number 40011
Revision 31-Jan-05
For technical questions, contact tantalum@vishay.com
change shall not exceed ± 10%; the leakage
current shall not exceed 125% of the initial
requirement.
9.
Vibration Tests: Capacitors shall be subjected to
vibration tests in accordance with the following
criteria.
9.1
Capacitors shall be secured for test by means of a
rigid mounting using suitable brackets.
9.2
Low Frequency Vibration: Vibration shall consist
of simple harmonic motion having an amplitude of
0.03" [0.76mm] and a maximum total excursion of
0.06" [1.52mm], in a direction perpendicular to the
major axis of he capacitors.
9.2.1 Vibration frequency shall be varied uniformly
between the approximate limits of 10 Hz to 55 Hz
during a period of approximately one minute,
continuously for 1.5 hours.
9.2.2 An oscilloscope or other comparable means shall
be used in determining electrical intermittency
during the final 30 minutes of the test. The AC
voltage applied shall not exceed 2 volts rms.
9.2.3 Electrical tests shall show no evidence of
intermittent contacts, open circuits or short circuits
during these tests.
9.2.4 Following the low frequency vibration test,
capacitors shall meet the original requirements for
capacitance, dissipation factor and leakage current.
9.3
High Frequency Vibration: Vibration shall
consist of a simple harmonic motion having an
amplitude of 0.06" [1.52] ± 10% maximum total
excursion or 20 g peak whichever is less.
9.3.1 Vibration frequency shall be varied logarithmically
from 50 Hz to 2000 Hz and return to 50 Hz during
a cycle period of 20 minutes.
9.3.2 The vibration shall be applied for 4 hours in each
of 2 directions, parallel and perpendicular to the
major axis of the capacitors.
9.3.3 Rated DC voltage shall be applied during the
vibration cycling.
9.3.4 An oscilloscope or other comparable means shall
be used in determining electrical intermittency
during the last cycle. The AC voltage applied shall
not exceed 2 volts rms.
9.3.5 Electrical tests shall show no evidence of
intermittent contacts, open circuits or short circuits
during these tests.
9.3.6 There shall be no mechanical damage to these
capacitors as a result of these tests.
TYPICAL LEAKAGE CURRENT FACTOR RANGE
100
10
1.0
0.1
0.01
0.001
0
10
20
30
40
50
60
70
80
90
100
+ 125
°C
+ 85
°C
+ 55
°C
+ 25
°C
0
°C
- 55
°C
Percent of Rated Voltage
7.
Leakage Current: Capacitors shall be stabilized at
the rated temperature for 30 minutes. Rated voltage
shall be applied to capacitors for 5 minutes using a
steady source of power (such as a regulated power
supply) with a 1000 ohm resistor connected in series
with the capacitor under test to limit the charging
current. Leakage current shall then be measured.
Note that the leakage current varies with temperature and
applied voltage. See graph below for the appropriate
adjustment factor.
7.1
At + 25
°C, the leakage current shall not exceed the
value listed in the Standard Ratings Table.
7.2
At + 85
°C, the leakage current shall not exceed 10
times the value listed in the Standard Ratings Table.
7.3
At + 125
°C, the leakage current shall not exceed 12
times the value listed in the Standard Ratings Table.
8.
Life Test: Capacitors shall withstand rated DC
voltage applied at + 85°C or two-thirds rated voltage
applied at + 125°C for 2000 hours.
8.1
Following the life test, the dissipation factor shall
meet the initial requirement; the capacitance
PERFORMANCE CHARACTERISTICS (Continued)


Similar Part No. - CWR11NH155KCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11NH155KBA VISHAY-CWR11NH155KBA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11NH155KBB VISHAY-CWR11NH155KBB Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11NH155KMA VISHAY-CWR11NH155KMA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11NH155KMB VISHAY-CWR11NH155KMB Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR11NH155KPA VISHAY-CWR11NH155KPA Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
More results

Similar Description - CWR11NH155KCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
CWR06 VISHAY-CWR06_16 Datasheet
317Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 26-Jan-16
CWR06 VISHAY-CWR06 Datasheet
97Kb / 7P
   Solid Tantalum Chip Capacitors MIDGET Military, MIL-PRF-55365/4 Qualified
Revision 16-Nov-04
CWR16 VISHAY-CWR16_16 Datasheet
316Kb / 21P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR26 VISHAY-CWR26 Datasheet
307Kb / 19P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Low ESR, Military, MIL-PRF-55365/13 Qualified
Revision: 26-Jan-16
CWR06HC106KP VISHAY-CWR06HC106KP Datasheet
107Kb / 7P
   Solid Tantalum Surface Mount Capacitors TANTAMOUNT짰 Conformal Coated, Military MIL-PRF-55365/4 Qualified
Revision: 27-Feb-13
logo
Kemet Corporation
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
logo
Vishay Siliconix
293D VISHAY-293D Datasheet
160Kb / 13P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Commercial, Surface Mount
Revision: 04-Jul-13
M39003-01-8224 VISHAY-M39003-01-8224 Datasheet
113Kb / 12P
   Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com