Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA520ABC008 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # MA520ABC008
Description  Hercules 2in 1 Cellular and Wi-Fi
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA520ABC008 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MA520ABC008 Datasheet HTML 1Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 2Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 3Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 4Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 5Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 6Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 7Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 8Page - Taoglas antenna solutions MA520ABC008 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
SPE-13-8-071/E/AS
Page 3 of 24
2. SPECIFICATION
ELECTRICAL
Standard
AMPS
GSM
DCS
PCS
3G
ISM
ISM
P
C
S
Band (MHz)
850
900
1800
1900
2100
2400
5000
Frequency (MHz)
824-894
880-960
1710-1880
1850-1990
1920-2170
2400-2483
5000-5825
Polarization
Linear
Impedance (Ohms)
50 Ohms
Gain (dBi)
.3
1.7
0.9
1.3
3.5
1.5
1.0
1.2
2.1
0.7
1.2
-0.3
3.8
-2.0
Cable
length
2.0
1.0
1.5
0.4
-0.5
-1.1
2.1
-3.2
(meter)
3.0
0.9
1.0
-1.0
-1.5
-2.2
5.0
-1.0
-0.7
-4.5
-4.0
-4.3
-1.0
-4.2
Efficiency (%)
Cable
length
(meter)
0.3
50.5
40
38.
46.5
32.3
1.0
29
41
41
43.4
29.9
40.0
22.0
2.0
23.5
26.8
29
20.2
19.6
20.0
18.0
3.0
25
27
22.0
17.8
15.0
5.0
18
15.5
15
15.0
12.0
8.5
8.0
Return Loss (dB)
Cable
length
(meter)
0.3
-6.0
-5.5
-6.1
-6.2
-5.8
1.0
-7.8
-8
-11.4
-15.3
-13.7
-20.0
-10.0
2.0
-8.1
-8.5
-16.5
-20.3
-19.5
-18.0
-15.0
3.0
-11.0
-13
-17.5
-18.3
-18.1
5.0
-11.8
-14
-17.6
-17.8
-17.8
-25.0
-25.0
Radiation
Properties
Omnidirectional
Max Input Power
(Watts)
10


Similar Part No. - MA520ABC008

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA520ABC008 ETC2-MA520ABC008 Datasheet
2Mb / 22P
   2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
More results

Similar Description - MA520ABC008

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA520.A.BC.008 TAOGLAS-MA520.A.BC.008_18 Datasheet
1Mb / 24P
   Hercules 2in 1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna-Cellular
logo
World Produts Inc.
WPANT30136 WPI-WPANT30136 Datasheet
110Kb / 2P
   3G Cellular, Wi-Fi and GPS Combo Antenna
logo
PCTEL, Inc.
GL9X1AX-SF PCTEL-GL9X1AX-SF Datasheet
426Kb / 5P
   Combination Antenna - 5G Cellular, Wi-Fi and GNSS
2021
logo
World Produts Inc.
WPANT10045 WPI-WPANT10045 Datasheet
119Kb / 2P
   3G Cellular / Wi-Fi Embedded Antenna
logo
List of Unclassifed Man...
MA520ABC008 ETC2-MA520ABC008 Datasheet
2Mb / 22P
   2in1 Cellular and Wi-Fi Heavy Duty Screw Mount Antenna
logo
Multi-Tech Systems, Inc...
86002252 MULTITECH-86002252 Datasheet
344Kb / 2P
   Wi-Fi Access Point for CBRS Cellular Networks
2021-08
logo
Broadcom Corporation.
ACFM-W1G7 BOARDCOM-ACFM-W1G7 Datasheet
189Kb / 2P
   Mid/High Cellular Bands, Wi-Fi, GNSS Triplexer
logo
Advantech Co., Ltd.
EKI-9502G ADVANTECH-EKI-9502G Datasheet
345Kb / 2P
   EN50155 Train-To-Ground Wi-Fi/Cellular Router
26-Feb-2020
logo
Taoglas antenna solutio...
G20B305111 TAOGLAS-G20B305111 Datasheet
1Mb / 15P
   Hercules Covert Wall and Cabinet Mounted Cellular Antenna
G20.B.305111.WMC TAOGLAS-G20.B.305111.WMC_18 Datasheet
1Mb / 15P
   Hercules Covert Wall and Cabinet Mounted Cellular Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com