Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL3026T-03 Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # NL3026T-03
Description  Thermoelectric Cooler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL3026T-03 Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  NL3026T-03 Datasheet HTML 1Page - II-VI Marlow, Inc. NL3026T-03 Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
marlow industries, inc.
Subsidiary of II-VI INCORPORATED
TECHNICAL DATA SHEET
DOC # 102-0305 REV K - PAGE 1 OF 2
NL3026T
Thermoelectric Cooler
RoHS EU Compliant
TYPICAL PERFORMANCE VALUES
MECHANICAL CHARACTERISTICS
ORDERING OPTIONS
AVAILABLE MODIFICATIONS
Pretinned metallized ceramic surface(s) with 117°C solder.
Thermistor mounted on edge of cold side ceramic. (Calibration
available.)
Elevated temperature burn-in with test data provided.
.234±.010
[5.94±0.25]
COLD SIDE, Tc
HOT SIDE, Th
.346
[8.79]
.346
[8.79]
.160±.005
[4.06±0.13]
.174±.005
[4.42±0.13]
2.00±.25
[50.80±6.35]
POSITIVE LEAD
NEGATIVE LEAD
LEADS: 28 AWG BUS
SOLID TINNED COPPER
A
CERAMIC MATERIAL: ALUMINA (AC) OR
BERYLLIA (BC)
MILLIMETERS ARE IN [ ]
Hot Side Temperature (°C)
27°C
50°C
∆ Tmax (°C-dry N2):
93
106
Qmax (watts):
0.62
0.71
Imax (amps):
1.3
1.3
Vmax (vdc):
3.4
3.9
AC Resistance (ohms):
2.51
--
Model Number
Description
NL3026T-01
both surfaces are metallized
NL3026T-02
hot side exterior is metallized
NL3026T-03
no metallization
Beryllium Oxide Handling
Precautions
Beryllium oxide can be toxic only when
dust, mist, or fumes containing particles
small enough to enter the lungs are
inhaled. For the user, precautions required
are to avoid grinding, machining or
pulverizing the material by mechanical,
thermal, or chemical processing.
marlow industries, inc.
R


Similar Part No. - NL3026T-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NL3026T-03 ETC2-NL3026T-03 Datasheet
249Kb / 2P
   Thermoelectric Cooler
logo
II-VI Marlow, Inc.
NL3026T-03 VIMARLOW-NL3026T-03 Datasheet
483Kb / 2P
   Thermoelectric Module
More results

Similar Description - NL3026T-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
RC12-6 ETC2-RC12-6 Datasheet
163Kb / 2P
   Thermoelectric Cooler
NL1507 ETC2-NL1507 Datasheet
215Kb / 2P
   Thermoelectric Cooler
SP5446 ETC2-SP5446 Datasheet
186Kb / 2P
   Thermoelectric Cooler
XLT12-6 ETC2-XLT12-6 Datasheet
442Kb / 2P
   Thermoelectric Cooler
XLT2389 ETC2-XLT2389 Datasheet
188Kb / 2P
   Thermoelectric Cooler
DT3-2.5 ETC2-DT3-2.5 Datasheet
130Kb / 2P
   Thermoelectric Cooler
DT3-6 ETC2-DT3-6 Datasheet
187Kb / 2P
   Thermoelectric Cooler
DT6-2.5 ETC2-DT6-2.5 Datasheet
123Kb / 2P
   Thermoelectric Cooler
DT12-2.5 ETC2-DT12-2.5 Datasheet
129Kb / 2P
   Thermoelectric Cooler
MI2011T ETC2-MI2011T Datasheet
117Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com