Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE1472 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE1472
Description  Integrated Circuit Audio Power Amplifier, 1W for Tape Recorder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1472 Datasheet(HTML) 2 Page - NTE Electronics

  NTE1472 Datasheet HTML 1Page - NTE Electronics NTE1472 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VCC
Pin Connection Diagram
Input
Muting Circuit
Feedback
N.C.
Feedback
Output
GND
N.C.
Bypass
1
2
3
4
5
Feedback
6
Bypass
7
14
13
12
11 DO NOT USE
10
9
8
DO NOT USE
Tab
.099 (2.52)
.082 (2.1) Dia
.100 (2.54)
.137 (3.5)
.236 (6.0)
.748 (19.0)
.265
(6.5)
.300
(7.62)
.252
(6.45)
.167
(4.26)
17
14
8


Similar Part No. - NTE1472

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1470 NTE-NTE1470 Datasheet
19Kb / 2P
   Integrated Circuit Audio Power Amp, 2.5W for Table Top Stereo
NTE1471 NTE-NTE1471 Datasheet
72Kb / 2P
   Integrated Circuit Color TV Deflection Signal Processor
NTE1473 NTE-NTE1473 Datasheet
76Kb / 3P
   Integrated Circuit Color & Video Signal Processor
NTE1474 NTE-NTE1474 Datasheet
68Kb / 2P
   Integrated Circuit FM IF Amp
NTE1475 NTE-NTE1475 Datasheet
29Kb / 3P
   Integrated Circuit CMOS, Phase-Locked Loop (PLL) Frequency Synthesizer for CB
More results

Similar Description - NTE1472

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1043 NTE-NTE1043 Datasheet
19Kb / 2P
   Integrated Circuit Audio Amplifier for Tape Recorder
NTE1075A NTE-NTE1075A Datasheet
76Kb / 1P
   Integrated Circuit Audio Power Amplifier, 1W
NTE1224 NTE-NTE1224 Datasheet
76Kb / 1P
   Integrated Circuit Audio Power Amplifier, 1W
NTE812 NTE-NTE812 Datasheet
21Kb / 2P
   Integrated Circuit Audio Power Amplifier, 1W
NTE1016 NTE-NTE1016 Datasheet
15Kb / 1P
   Integrated Circuit AF Small-Signal Amplifier for Tape Recorder
NTE1463 NTE-NTE1463 Datasheet
72Kb / 2P
   Integrated Circuit AF Power Amp for Tape Recorder
NTE1651 NTE-NTE1651 Datasheet
24Kb / 3P
   Integrated Circuit Dual Preamp for Tape Recorder
logo
Sony Corporation
CXA1262N SONY-CXA1262N Datasheet
203Kb / 10P
   PRE-AMPLIFIER/ POWER-AMPLIFIER FOR TAPE RECORDER
logo
Panasonic Semiconductor
AN7116 PANASONIC-AN7116 Datasheet
87Kb / 3P
   1W AUDIO POWER AMPLIFIER CIRCUIT
logo
NTE Electronics
NTE7051 NTE-NTE7051 Datasheet
20Kb / 2P
   Integrated Circuit 1W BTL Mono Audio Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com