Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR10200CT Datasheet(PDF) 3 Page - Littelfuse

Part # MBR10200CT
Description  Low forward voltage drop
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

MBR10200CT Datasheet(HTML) 3 Page - Littelfuse

  MBR10200CT Datasheet HTML 1Page - Littelfuse MBR10200CT Datasheet HTML 2Page - Littelfuse MBR10200CT Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Schottky Barrier Rectifier
©2015 Littelfuse, Inc
Specifications are subject to change without notice.
Revised:01/19/16
MBR10200CT 2x 5A, 200V,TO-220AB Common Cathode
Dimensions- TO-220AB
Packing Options
Part Number
Marking
Packing Mode
M.O.Q
MBR10200CT
MBR10200CT
50pcs / Tube
1000
Part Numbering and Marking System
6
LF YYWWL
MBR10200CT
MBR
= Device Type
10
= Forward Current (10A)
200
= Reverse Voltage (200V)
CT
= Configuration
LF
= Littelfuse
YY
= Year
WW
= Week
L
= Lot Number
Tube Specification
32mm
7mm
530mm
Symbol
Millimeters
Min
Max
A
3.56
4.83
A1
0.51
1.40
A2
2.03
2.92
b
0.38
1.02
b1
1.14
1.78
c
0.31*
0.61
D
14.22
16.51
D1
8.38
9.15*
E
9.65
10.67
e
2.54
-
e1
4.98*
-
H1
5.84
6.86
L
12.70
14.73
L1
-
6.35
øP
3.53
4.09
Q
2.54
3.43
Footnote *: The spec. does not comply with JEDEC spec.


Similar Part No. - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MBR10200CT PACELEADER-MBR10200CT Datasheet
362Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 200V
logo
List of Unclassifed Man...
MBR10200CT ETC-MBR10200CT Datasheet
222Kb / 1P
   10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts
logo
SAMYANG ELECTRONICS CO....
MBR10200CT SAMYANG-MBR10200CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
MBR10200CT TSC-MBR10200CT Datasheet
196Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBR10200CT GOOD-ARK-MBR10200CT Datasheet
323Kb / 6P
   Product Specification
More results

Similar Description - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
   LOW FORWARD VOLTAGE DROP
logo
Sangdest Microelectroni...
GBJ20005 SMC-GBJ20005 Datasheet
128Kb / 4P
   Low forward voltage drop
logo
FCI connector
75TR10 FCI-CONNECTOR-75TR10 Datasheet
173Kb / 1P
   Low Forward Voltage Drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
   Low forward voltage drop
logo
Unisonic Technologies
TGBR30L60CL-TA3-T UTC-TGBR30L60CL-TA3-T Datasheet
157Kb / 3P
   Low forward voltage drop
logo
Vishay Siliconix
VS-ETH1506SHM3 VISHAY-VS-ETH1506SHM3 Datasheet
126Kb / 6P
   Low forward voltage drop
Revision: 10-Jul-15
logo
Littelfuse
MBR10150CT LITTELFUSE-MBR10150CT Datasheet
596Kb / 3P
   Low forward voltage drop
MBRB2060CT LITTELFUSE-MBRB2060CT Datasheet
592Kb / 3P
   Low forward voltage drop
MBRF20200CTR LITTELFUSE-MBRF20200CTR Datasheet
622Kb / 3P
   Low forward voltage drop
logo
Sangdest Microelectroni...
189NQ135 SMC-189NQ135 Datasheet
174Kb / 4P
   Low forward voltage drop
DB151S SMC-DB151S Datasheet
142Kb / 4P
   Low forward voltage drop
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com